Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVPD-940-155.520 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVPD-940-155.520
Description  Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVPD-940-155.520 Datasheet(HTML) 1 Page - Crystek Corporation

  CVPD-940-155.520 Datasheet HTML 1Page - Crystek Corporation CVPD-940-155.520 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Applications:
10 Gigabit Ethernet
OC48: Forward Error Correction
Broadband Networks
SONET/SDH/DWD
ATM
Network/switch
Telecom
Designed using FR5 PCB & HFF crystal technology to
provide a Low Noise, Low Jitter Voltage Controlled
Crystal Oscillator solution at a competitive price.
9X14 mm SMD,
3.3V, LVPECL
CVPD-940 Model
50MHz to 250MHz
0°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
1.65V ± 1.65V
1.65V ± 0.25V
88mA Max
Differential LVPECL
49/51% Typ, 45/55% Max
550ps Max @ 20% to 80% Vcc
±50ppm Min.
± 10% Max
into 50 ohms
Vcc-0.96V Min, Vcc-0.81V Max
Vcc-1.85V Min, Vcc-1.65V Max
100ns Max
2ms Typ., 10ms Max
>10KHz @ -3dB
none
<5ps RMS (1-sigma) Max
<1ps RMS (1-sigma) Max,
<1ps RMS (1-sigma) Max,
-80 dBc/Hz
-108 dBc/Hz
-132 dBc/Hz
-140 dBc/Hz
<3ppm 1st/yr, <2ppm every year thereafter
Frequency Range:
Temperature Range:
(Option X)
Storage:
Input Voltage:
Control Voltage:
Settability At Nominal:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Pullability APR:
Linearity:
Load: Terminated to Vdd-2V
Logic "1" Level:
Logic "0" Level:
Disable Time:
Start-up time:
Modulation BW:
Sub-harmonics:
Period Jitter: (20,000 periods)
Phase Jitter:
12KHz~20MHz
50KHz~80MHz
Phase Noise Max:
100Hz
1KHz
10KHz
100KHz
Aging:
TD-030705 Rev. C
Page 1 of 2
Differential
LVPECL VCXO
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CVPD-940-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
More results

Similar Description - CVPD-940-155.520

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CCPD-940 CRYSTEKCRYSTAL-CCPD-940 Datasheet
121Kb / 2P
   Differential LVPECL XO 9X14 mm SMD, 3.3V, LVPECL
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
CVPD-914 CRYSTEKCRYSTAL-CVPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVPD-920 CRYSTEKCRYSTAL-CVPD-920 Datasheet
74Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
MTRONPTI
MPV3 MTRONPTI-MPV3 Datasheet
259Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3 MTRONPTI-MPV3_06 Datasheet
277Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
logo
Crystek Corporation
CVPD-940 CRYSTEKCRYSTAL-CVPD-940_15 Datasheet
119Kb / 2P
   Differential LVPECL VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com