Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F168 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST10F168
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F168 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST10F168 Datasheet HTML 5Page - STMicroelectronics ST10F168 Datasheet HTML 6Page - STMicroelectronics ST10F168 Datasheet HTML 7Page - STMicroelectronics ST10F168 Datasheet HTML 8Page - STMicroelectronics ST10F168 Datasheet HTML 9Page - STMicroelectronics ST10F168 Datasheet HTML 10Page - STMicroelectronics ST10F168 Datasheet HTML 11Page - STMicroelectronics ST10F168 Datasheet HTML 12Page - STMicroelectronics ST10F168 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
ST10F168
9/74
P1L.0 - P1L.7
P1H.0 - P1H.7
118-125
128-135
I/O
Two 8-bit bidirectional I/O ports P1L and P1H, bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port1 is used as the 16-bit address bus (A) in
demultiplexed bus modes and also after switching from a demultiplexed bus mode
to a multiplexed bus mode.
The following Port1 pins have alternate functions:
132
I
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
133
I
P1H.5
CC25IO
CAPCOM2: CC25 Capture Input
134
I
P1H.6
CC26IO
CAPCOM2: CC26 Capture Input
135
I
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
138
I
XTAL1
Oscillator amplifier and internal clock generator input
XTAL2
137
O
XTAL2:
Oscillator amplifier circuit output.
To clock the device from an external source, drive XTAL1 while leaving XTAL2
unconnected. Minimum and maximum high / low and rise / fall times specified in the
AC Characteristics must be observed.
RSTIN
140
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for a speci-
fied duration while the oscillator is running resets the ST10F168. An internal pullup
resistor permits power-on reset using only a capacitor connected to VSS. In bidirec-
tional reset mode (enabled by setting bit BDRSTEN in SYSCON register), the
RSTIN line is pulled low for the duration of the internal reset sequence.
RSTOUT
141
O
Internal Reset Indication Output. This pin is set to a low level during hardware, soft-
ware or watchdog timer reset.
RSTOUT remains low until the EINIT (end of initial-
ization) instruction is executed.
NMI
142
I
Non-Maskable Interrupt Input. A high to low transition at this pin causes the CPU to
vector to the NMI trap routine. If bit PWDCFG = ‘0’ in SYSCON register, when the
PWRDN (power down) instruction is executed, the NMI pin must be low in order to
force the ST10F168 to go into power down mode. If NMI is high and PWDCFG =’0’,
when PWRDN is executed, the part will continue to run in normal mode.
If it is not used, pin NMI should be pulled high externally.
VAREF
37
-
A/D converter reference voltage.
VAGND
38
-
A/D converter reference ground.
VPP/RPD
84
-
Flash programming voltage. Programming voltage of the on-chip Flash memory
must be supplied to this pin.
It is used also as the timing pin for the return from interruptible powerdown mode.
VDD
17,46,
56,72,
82,93,
109, 126,
136, 144
-
Digital Supply Voltage:
= + 5V during normal operation and idle mode.
> 2.5V during power down mode.
VSS
18,45,
55,71,
83,94,
110, 127,
139, 143
-
Digital Ground.
Table 1 : Pin Description (continued)
Symbol
Pin
Type
Function


Similar Part No. - ST10F168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F168SQ6 STMICROELECTRONICS-ST10F168SQ6 Datasheet
806Kb / 4P
   16-bit microcontrollers for automotive applications
More results

Similar Description - ST10F168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
   16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
   16-BIT MCU WITH 128K BYTE FLASH MEMORY
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
logo
Fortune Semiconductor C...
FS98O23 FORTUNE-FS98O23 Datasheet
2Mb / 147P
   8-bit MCU with 8k program EPROM, 384-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
   8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com