Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36512A68NMTDG Datasheet(PDF) 4 Page - Tyco Electronics

Part # 36512A68NMTDG
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36512A68NMTDG Datasheet(HTML) 4 Page - Tyco Electronics

  36512A68NMTDG Datasheet HTML 1Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 2Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 3Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 4Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 5Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 6Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 7Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 8Page - Tyco Electronics 36512A68NMTDG Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type 36502C Series - 1008 Package
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
5N6
10N
12N
15N
18N
22N
24N
27N
33N
39N
47N
56N
62N
68N
75N
82N
R10
R12
R15
R18
R22
R24
R27
R30
R33
R36
R39
R43
R47
R56
R62
R68
R75
R82
R91
1R0
1R2
1R5
1R8
2R2
2R7
3R3
3R9
4R7
5R6
6R8
8R2
103
123
153
5.6 @ 50MHz
10 @ 50MHz
12 @ 50MHz
15 @ 50MHz
18 @ 50MHz
22 @ 50MHz
24 @ 50MHz
27 @ 50MHz
33 @ 50MHz
39 @ 50MHz
47 @ 50MHz
56 @ 50MHz
62 @ 50MHz
68 @ 50MHz
75 @ 50MHz
82 @ 50MHz
100 @ 25MHz
120 @ 25MHz
150 @ 25MHz
180 @ 25MHz
220 @ 25MHz
240 @ 25MHz
270 @ 25MHz
300 @ 25MHz
330 @ 25MHz
360 @ 25MHz
390 @ 25MHz
430 @ 25MHz
470 @ 25MHz
560 @ 25MHz
620 @ 25MHz
680 @ 25MHz
750 @ 25MHz
820 @ 25MHz
910 @ 25MHz
1000 @ 25MHz
1200 @ 7.9MHz
1500 @ 7.9MHz
1800 @ 7.9MHz
2200 @ 7.9MHz
2700 @ 7.9MHz
3300 @ 7.9MHz
3900 @ 7.9MHz
4700 @ 7.9MHz
5600 @ 7.9MHz
6800 @ 7.9MHz
8200 @ 7.9MHz
10000 @ 2.52MHz
12000 @ 2.52MHz
15000 @ 2.52MHz
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
50 @ 1500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 350MHz
55 @ 350MHz
55 @ 350MHz
55 @ 350MHz
60 @ 350MHz
60 @ 350MHz
65 @ 350MHz
65 @ 350MHz
65 @ 350MHz
65 @ 350MHz
60 @ 350MHz
60 @ 350MHz
60 @ 350MHz
60 @ 350MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
45 @ 100MHz
35 @ 50MHz
35 @ 50MHz
35 @ 50MHz
28 @ 50MHz
28 @ 50MHz
28 @ 50MHz
22 @ 25MHz
22 @ 25MHz
20 @ 25MHz
20 @ 25MHz
16 @ 7.96MHz
15 @ 7.96MHz
15 @ 7.96MHz
15 @ 7.96MHz
15 @ 7.96MHz
15 @ 7.96MHz
4000
4100
3300
2500
2400
2400
1900
1600
1600
1500
1500
1300
1250
1300
1100
1000
1000
950
850
750
700
650
600
585
570
530
500
480
450
415
375
375
360
350
320
290
250
200
160
160
140
110
100
90
20
40
25
20
18
15
0.15
0.08
0.09
0.11
0.12
0.12
0.12
0.13
0.14
0.15
0.16
0.18
0.20
0.20
0.21
0.22
0.56
0.63
0.70
0.77
0.84
0.88
0.91
1.00
1.05
1.10
1.12
1.15
1.19
1.33
1.40
1.47
1.54
1.61
1.68
1.75
2.00
2.30
2.60
2.80
3.20
3.40
3.60
4.00
4.00
4.90
6.00
9.00
10.5
11.5
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
650
650
580
620
500
500
500
450
450
470
470
470
470
400
300
400
360
400
380
370
310
330
300
280
290
290
260
260
240
200
170
150
130
120


Similar Part No. - 36512A68NMTDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36512 ETC2-36512 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
logo
Molex Electronics Ltd.
36512-0196 MOLEX5-36512-0196 Datasheet
160Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4關m (16關") Selective Gold (Au), 48 Circuits
More results

Similar Description - 36512A68NMTDG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com