Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

117JT300C5A0C1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 117JT300C5A0C1
Description  Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

117JT300C5A0C1 Datasheet(HTML) 1 Page - CTS Corporation

  117JT300C5A0C1 Datasheet HTML 1Page - CTS Corporation 117JT300C5A0C1 Datasheet HTML 2Page - CTS Corporation 117JT300C5A0C1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
Commercial 3/4"
(19mm) Diameter,
2 watt Wirewound
Variable Resistor
• Fully enclosed construction
• Four mounting styles
• Long rotational life
• Optional grounded or insulated rotor
construction
• Incorporated fixed resistor available
• Available with nylon shaft
• Interchangeable mounting with
CTS series 110 preset potentiometers
Series 115
Electrical and Mechanical Specifications
Resistance Range
1 ohm through 20K ohms (linear taper)
Resistance Tolerance
Standard: ±20%
Special: ±5% or ±10%
Power Rating, Watts
2 watts @ 55°C derated to no load @ 105°C
mounted on steel panel
1.5 watts @ 55°C derated to no load @ 105°C,
mounted on bakelite panel
Voltage Rating
Terminals to case (insulated types only)
High pot test, one minute — 900 VAC
Operating maximum — 500 VDC
Across end terminals
Determined by resistance value and wattage rating
Resistance Taper
Standard: Linear taper only
Taps Available
None
Incorporated Fixed Resistor
A fixed resistor can be incorporated in the Series 115
at the end of CW or CCW rotation to a minimum of 15%
of the total resistance value. The rotation is shortened
by an amount proportional to the ratio of the fixed resistor
to the total resistance value.
Angle of Rotation
Tatol Rotation: 270° ± 5°
Resistor Adjustment
Standard: Cross slot provided in rotor for screwdriver
adjustment.
Special: Molded nylon, screwdriver-slotted shafts which
are integral with rotor are available in many lengths
in increments of 1/8" (3.2mm) up to a maximum
of 2" (50.8mm).Consults with the factory
Mounting Types Available
Printed circuit mounted: Type 115 P
Twist tab mounted:
Type 115 T
Snap-in mounted:
Type 116 E
Rivet ear mounted:
Type 117 R
Terminal Information
Grounded Construction — The grounded construction is
supplied without a center terminal and the contactor is
connected to the case. This construction can be furnished
with one end terminal at either end of the resistance
element or with terminals at both ends of the element.
Insulated Construction — The contactor is insulated from the
base and connected to the center terminal on the insulated
construction. This construction can be supplied with the
center terminal and one end terminal at either end of the
resistance element or with the center terminal and terminals
at both ends of the resistance element.
Rotational Torque
1/2 to 10 in-oz. (36 – 720 gf-cm)
4 in-oz. (4.6 Kgf-cm)
Features
Stop Strength
1 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com
• RoHS compliant


Similar Part No. - 117JT300C5A0C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
117JT300C500A1 CTS-117JT300C500A1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117JT300C500B1 CTS-117JT300C500B1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117JT300C500D1 CTS-117JT300C500D1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117JT300C501A1 CTS-117JT300C501A1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117JT300C501B1 CTS-117JT300C501B1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
More results

Similar Description - 117JT300C5A0C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TE Connectivity Ltd
154N TEC-154N Datasheet
144Kb / 5P
   19mm Diameter Package
logo
CTS Corporation
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com