Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F268 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST10F268
Description  16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F268 Datasheet(HTML) 4 Page - STMicroelectronics

  ST10F268 Datasheet HTML 1Page - STMicroelectronics ST10F268 Datasheet HTML 2Page - STMicroelectronics ST10F268 Datasheet HTML 3Page - STMicroelectronics ST10F268 Datasheet HTML 4Page - STMicroelectronics ST10F268 Datasheet HTML 5Page - STMicroelectronics ST10F268 Datasheet HTML 6Page - STMicroelectronics ST10F268 Datasheet HTML 7Page - STMicroelectronics ST10F268 Datasheet HTML 8Page - STMicroelectronics ST10F268 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
ST10F168
4/74
1 - INTRODUCTION
The ST10F168 is a derivative of the STMicroelec-
tronics 16-bit single-chip CMOS microcontrollers.
It combines high CPU performance (up to
12.5 million instructions per second) with high
peripheral functionality and enhanced I/O capabil-
ities. It also provides on-chip high-speed Flash
memory, on-chip high-speed RAM, and clock gen-
eration via PLL.
Figure 1 : Logic Symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
VDD
V
SS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
ST10F168
VPP


Similar Part No. - ST10F268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269-Q3 STMICROELECTRONICS-ST10F269-Q3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269D STMICROELECTRONICS-ST10F269D Datasheet
806Kb / 4P
   16-bit microcontrollers for automotive applications
ST10F269Z1Q3 STMICROELECTRONICS-ST10F269Z1Q3 Datasheet
3Mb / 184P
   16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results

Similar Description - ST10F268

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
   16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
   16-BIT MCU WITH 128K BYTE FLASH MEMORY
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
logo
Fortune Semiconductor C...
FS98O23 FORTUNE-FS98O23 Datasheet
2Mb / 147P
   8-bit MCU with 8k program EPROM, 384-byte RAM
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
   8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com