Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5108AGTA Datasheet(PDF) 9 Page - Elpida Memory

Part # EDD5108AGTA
Description  512M bits DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108AGTA Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDD5108AGTA Datasheet HTML 5Page - Elpida Memory EDD5108AGTA Datasheet HTML 6Page - Elpida Memory EDD5108AGTA Datasheet HTML 7Page - Elpida Memory EDD5108AGTA Datasheet HTML 8Page - Elpida Memory EDD5108AGTA Datasheet HTML 9Page - Elpida Memory EDD5108AGTA Datasheet HTML 10Page - Elpida Memory EDD5108AGTA Datasheet HTML 11Page - Elpida Memory EDD5108AGTA Datasheet HTML 12Page - Elpida Memory EDD5108AGTA Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
EDD5108AGTA, EDD5116AGTA
Data Sheet E1191E20 (Ver. 2.0)
9
AC Characteristics (TA = 0°C to +70
°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V) [DDR333, 266]
-6B
-7A
-7B
Parameter
Symbol
min.
max.
min.
max
min.
max.
Unit Notes
Clock cycle time
(CL = 2)
tCK
7.5
12
7.5
12
10
12
ns
10
(CL = 2.5)
tCK
6
12
7.5
12
7.5
12
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
min
(tCH, tCL)
min
(tCH, tCL)
tCK
DQ output access time from CK, /CK tAC
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS output access time from CK,
/CK
tDQSCK –0.6
0.6
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS to DQ skew
tDQSQ
0.45
0.5
0.5
ns
3
DQ/DQS output hold time from DQS tQH
tHP – tQHS —
tHP – tQHS —
tHP – tQHS —
ns
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
Data-out high-impedance time from
CK, /CK
tHZ
0.7
0.75
0.75
ns
5, 11
Data-out low-impedance time from
CK, /CK
tLZ
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
6, 11
Read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.45
0.5
0.5
ns
8
DQ and DM input hold time
tDH
0.45
0.5
0.5
ns
8
DQ and DM input pulse width
tDIPW
1.75
1.75
1.75
ns
7
Write preamble setup time
tWPRES 0
0
0
ns
Write preamble
tWPRE
0.25
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK 9
Write command to first DQS latching
transition
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
0.2
tCK
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK
Address and control input setup time tIS
0.75
0.9
0.9
ns
8
Address and control input hold time
tIH
0.75
0.9
0.9
ns
8
Address and control input pulse width tIPW
2.2
2.2
2.2
ns
7
Mode register set command cycle
time
tMRD
2
2
2
tCK
Active to Precharge command period tRAS
42
120000
45
120000
45
120000
ns
Active to Active/Auto-refresh
command period
tRC
60
65
65
ns
Auto-refresh to Active/Auto-refresh
command period
tRFC
72
75
75
ns
Active to Read/Write delay
tRCD
18
20
20
ns
Precharge to active command period tRP
18
20
20
ns
Active to Autoprecharge delay
tRAP
tRCD min. —
tRCD min. —
tRCD min. —
ns
Active to active command period
tRRD
12
15
15
ns


Similar Part No. - EDD5108AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5108AGTA-4B-E ELPIDA-EDD5108AGTA-4B-E Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5108AGTA-4C-E ELPIDA-EDD5108AGTA-4C-E Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5108AGTA-5BLI-E ELPIDA-EDD5108AGTA-5BLI-E Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108AGTA-5CLI-E ELPIDA-EDD5108AGTA-5CLI-E Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD5108AGTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com