Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5108AGTA-5B-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD5108AGTA-5B-E
Description  512M bits DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108AGTA-5B-E Datasheet(HTML) 1 Page - Elpida Memory

  EDD5108AGTA-5B-E Datasheet HTML 1Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 2Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 3Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 4Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 5Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 6Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 7Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 8Page - Elpida Memory EDD5108AGTA-5B-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Document No. E1191E20 (Ver. 2.0)
Date Published February 2008 (K) Japan
Printed in Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2007-2008
DATA SHEET
512M bits DDR SDRAM
EDD5108AGTA (64M words
× 8 bits)
EDD5116AGTA (32M words
× 16 bits)
Specifications
• Density: 512M bits
• Organization
⎯ 16M words × 8 bits × 4 banks (EDD5108AGTA)
⎯ 8M words × 16 bits × 4 banks (EDD5116AGTA)
• Package: 66-pin plastic TSOP (II)
⎯ Lead-free (RoHS compliant)
• Power supply: VDD, VDDQ = 2.5V ± 0.2V
• Data rate: 400Mbps/333Mbps/266Mbps (max.)
• Four internal banks for concurrent operation
• Interface: SSTL_2
• Burst lengths (BL): 2, 4, 8
• Burst type (BT):
⎯ Sequential (2, 4, 8)
⎯ Interleave (2, 4, 8)
• /CAS Latency (CL): 2, 2.5, 3
• Precharge: auto precharge option for each burst
access
• Driver strength: normal/weak
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 8192 cycles/64ms
⎯ Average refresh period: 7.8μs
• Operating ambient temperature range
⎯ TA = 0°C to +70°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 2 bits
prefetch pipelined architecture
• Bi-directional data strobe (DQS) is transmitted
/received with data for capturing data at the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data


Similar Part No. - EDD5108AGTA-5B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-5BLI-E ELPIDA-EDD5108AGTA-5BLI-E Datasheet
504Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD5108AGTA-5B-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
EDD5108AFBG ELPIDA-EDD5108AFBG Datasheet
618Kb / 52P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com