Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6935 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6935
Description  High performance 3 A ULDO linear regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6935 Datasheet HTML 7Page - STMicroelectronics L6935 Datasheet HTML 8Page - STMicroelectronics L6935 Datasheet HTML 9Page - STMicroelectronics L6935 Datasheet HTML 10Page - STMicroelectronics L6935 Datasheet HTML 11Page - STMicroelectronics L6935 Datasheet HTML 12Page - STMicroelectronics L6935 Datasheet HTML 13Page - STMicroelectronics L6935 Datasheet HTML 14Page - STMicroelectronics L6935 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Device description
L6935
11/20
5
Device description
5.1
Soft-start
L6935 implements a soft-start feature to smoothly charge the output filter avoiding high in-
rush currents to be required to the input power supply.
The soft-start process begins as soon as VBIAS reaches UVLO and ENABLE is asserted.
A constant current ISS = 1.0 µA is sourced through the SS pin: connecting an external
capacitor (CSS) to this pin a voltage ramp is implemented; the voltage ramp internally
clamps the E.A. reference, resulting in a controlled slope for the output voltage. As the
voltage on CSS reaches the VREF value the internal clamp is released.
In this way, the soft-start process lasts for:
where CSS is the external capacitor [F] and TSS is the soft-start time [sec.].
If the device is disabled (ENABLE low) and the VBIAS is still present, the SS pin is clamped
to GND for a fixed time of about 50
µs. in order to discharge the residual charge present on
CSS: in this way, the device will be ready for a new SS process as ENABLE is asserted
again.
Figure 9 describes a typical soft-start process.
Figure 9.
Soft start process diagram (left) and measured (right)
T
SS
C
SS
V
REF
I
SS
--------------
510
5
C
SS F
[]
⋅⋅
==
ENABLE
Vbias
ADJ
Vout
0.5V
>0.7V
>1.1V
Programmed Vout
~50
µsec
Programmed Tss


Similar Part No. - L6935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
   UP TO 4A ULDO LINEAR REGULATOR
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
   Up to 5A ULDO linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com