Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1201 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 2Page - STMicroelectronics RHF1201 Datasheet HTML 3Page - STMicroelectronics RHF1201 Datasheet HTML 4Page - STMicroelectronics RHF1201 Datasheet HTML 5Page - STMicroelectronics RHF1201 Datasheet HTML 6Page - STMicroelectronics RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics RHF1201 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Absolute maximum ratings and operating conditions
RHF1201
6/18
5
Absolute maximum ratings and operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
AVCC
Analog supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal. The magnitude
of input and output voltages must never exceed -0.3 V or VCC +0.3 V.
0 to 3.3
V
DVCC
Digital supply voltage(1)
0 to 3.3
V
VCCBI
Digital buffer supply voltage(1)
0 to 3.3
V
VCCBE
Digital buffer supply voltage(1)
0 to 3.6
V
IDout
Digital output current
-100 to 100
mA
Tstg
Storage temperature
-65 to +150
°C
Rthjc
Junction - case thermal resistance
22
°C/W
ESD
Electrostatic discharge
- HBM
2kV
Table 4.
Operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
AVCC
Analog supply voltage
2.3
2.5
2.7
V
DVCC
Digital supply voltage
2.3
2.5
2.7
V
VCCBI
Digital internal buffer
supply
2.3
2.5
2.7
V
VCCBE
Digital output buffer supply
2.3
2.5
3.4
V
VREFP
Forced top voltage
reference
0.5
1
AVCC
V
VREFM
Bottom internal reference
voltage
00
0.5
V


Similar Part No. - RHF1201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
   Rad-hard 12-bit 50 Msps A/D converter
More results

Similar Description - RHF1201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
   Rad-hard 12-bit 50 Msps A/D converter
RHF1401 STMICROELECTRONICS-RHF1401_12 Datasheet
3Mb / 42P
   Rad-hard 14-bit 30 Msps A/D converter
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
   12-BIT, 3 MSPS, A TO D CONVERTER
logo
STMicroelectronics
RHF1401 STMICROELECTRONICS-RHF1401 Datasheet
453Kb / 29P
   Rad-hard 14-bit 20Msps 85mW A/D converter
LEOAD128 STMICROELECTRONICS-LEOAD128 Datasheet
589Kb / 20P
   Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
September 2021 Rev 2
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com