Part Name
         Description
ST10R172L

 16-BIT LOW VOLTAGE ROMLESS MCU ( 68 Page)


STMICROELECTRONICS
100% 
Zoom Out Zoom In
 6 page
background image
6/68
ST10R172L - PIN DESCRIPTION
P3.0 –
P3.13
P3.15
8-21
22
I/O
I/O
5T
5T
A 15-bit (P3.14 is missing) bidirectional I/O port. Port 3 is bit-
wise programmable for input or output via direction bits. For a
pin configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The following pins have alternate
functions:
9
O
5T
P3.1
T6OUT
GPT2 Timer T6 toggle latch output
10
I
5T
P3.2
CAPIN
GPT2 Register CAPREL capture
input
11
O
5T
P3.3
T3OUT
GPT1 Timer T3 toggle latch output
12
I
5T
P3.4
T3EUD
GPT1 Timer T3 ext.up/down ctrl.input
13
I
5T
P3.5
T4IN
GPT1 Timer T4 input for count/gate/
reload/capture
14
I
5T
P3.6
T3IN
GPT1 Timer T3 count/gate input
15
I
5T
P3.7
T2IN
GPT1 Timer T2 input for count/gate/
reload/capture
18
O
5T
P3.10
TxD0
ASC0 clock/data output (asyn./syn.)
19
I/O
5T
P3.11
RxD0
ASC0 data input (asyn.) or I/O (syn.)
20
O
5T
P3.12
BHE
Ext. Memory High Byte Enable Signal
O5T
WRH
Ext. Memory High Byte Write Strobe
22
O
5T
P3.15
CLKOUT
System clock output (=CPU clock)
Table 1 Pin definitions
1
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX16374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
F74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374Low Voltage 16-Bit D-Type Flip-Flop with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16373Low Voltage 16-Bit Transparent Latch with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74LVT16646Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
NCP1580Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
NUP8100DLow Capacitance Transient Voltage Suppressor Array 1 2 3 4 ON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl