Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ22CA-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMBJ22CA-TR
Description  TRANSILTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ22CA-TR Datasheet(HTML) 4 Page - STMicroelectronics

  SMBJ22CA-TR Datasheet HTML 1Page - STMicroelectronics SMBJ22CA-TR Datasheet HTML 2Page - STMicroelectronics SMBJ22CA-TR Datasheet HTML 3Page - STMicroelectronics SMBJ22CA-TR Datasheet HTML 4Page - STMicroelectronics SMBJ22CA-TR Datasheet HTML 5Page - STMicroelectronics SMBJ22CA-TR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMBJxxxA-TR, CA-TR
4/6
SMBJ188A
SMBJ130A
SMBJ58A
SMBJ33A
SMBJ18A
SMBJ8.5A
SMBJ5.0A
Fig. 3 :
Clamping voltage versus peak pulse current.
Exponential waveform tp =20
µs ________
tp = 1 ms
——————-
tp = 10 ms ...............
Note : The curves of the figure 3 are specified for a junction temperature of 25
⊃C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT * [Tamb -25] * VBR(25°C)
For intermediate voltages, extrapolate the given results.
C (pF)
110
100
10
100
1000
10000
SMBJ5.0A
13A
58A
188A
V(V)
R
F= 1 MHz
500
SMBJ
SMBJ
SMBJ
SMBJ
26A
Tj = 25°C
Fig. 4b : Capacitance versus reverse applied
voltage for bidirectional types (typical values).
C (pF)
110
100
10
100
1000
10000
5.0A
13A
26A
58A
188A
V(V)
R
Tj = 25°C
F= 1 MHz
500
SMBJ
SMBJ
SMBJ
SMBJ
SMBJ
Fig. 4a : Capacitance versus reverse applied
voltage for unidirectional types (typical values).


Similar Part No. - SMBJ22CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ22CA-TR STMICROELECTRONICS-SMBJ22CA-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ22CA-TR STMICROELECTRONICS-SMBJ22CA-TR Datasheet
133Kb / 10P
   Transil
SMBJ22CA-TR STMICROELECTRONICS-SMBJ22CA-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results

Similar Description - SMBJ22CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com