Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ30CA-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMBJ30CA-TR
Description  TRANSILTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ30CA-TR Datasheet(HTML) 2 Page - STMicroelectronics

  SMBJ30CA-TR Datasheet HTML 1Page - STMicroelectronics SMBJ30CA-TR Datasheet HTML 2Page - STMicroelectronics SMBJ30CA-TR Datasheet HTML 3Page - STMicroelectronics SMBJ30CA-TR Datasheet HTML 4Page - STMicroelectronics SMBJ30CA-TR Datasheet HTML 5Page - STMicroelectronics SMBJ30CA-TR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I
IF
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
Types
IRM @VRM
VBR @IR
VCL @IPP
VCL @IPP
αTC
max.
min.
max.
max.
max.
typ.
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Mark.
Bidirectional
Mark.
µA
V
V
mA
V
AVA
10
-4/
°CpF
SMBJ5.0A-TR
BUZ SMBJ5.0CA-TR
BBZ
800
5.0
6.4
10
9.2
68
13.4
298
5.7
4000
SMBJ6.0A-TR
BUA SMBJ6.0CA-TR
BBA
800
6.0
6.7
10
10.3
61
13.7
290
5.9
3850
SMBJ6.5A-TR
BUB SMBJ6.5CA-TR
BBB
500
6.5
7.2
10
11.2
56
14.5
276
6.1
3700
SMBJ8.5A-TR
BUC SMBJ8.5CA-TR
BBC
5
8.5
9.4
1
14.4
41.7
19.5
205
7.3
2800
SMBJ10A-TR
BUD SMBJ10CA-TR
BBD
5
10
11.1
1
17
37
21.7
184
7.8
2300
SMBJ12A-TR
BUE SMBJ12CA-TR
BBE
5
12
13.3
1
19.9
31
25.3
157
8.3
2025
SMBJ13A-TR
BUF SMBJ13AC-TR
BBF
1
13
14.4
1
21.5
29
27.2
147
8.4
1900
SMBJ15A-TR
BUG SMBJ15CA-TR
BBG
1
15
16.7
1
24.4
25.1
32.5
123
8.8
1600
SMBJ18A-TR
BUH SMBJ18CA-TR
BBH
1
18
20
1
29.2
21.5
39.3
102
9.2
1350
SMBJ20A-TR
BUI
SMBJ20CA-TR
BBI
1
20
22.2
1
32.4
19.4
42.8
93
9.4
1250
SMBJ22A-TR
BVA SMBJ22CA-TR
CBH
1
22
24.4
1
35.5
17.7
48.3
83
9.6
1150
SMBJ24A-TR
BUJ SMBJ24CA-TR
BBJ
1
24
26.7
1
38.9
16
50
80
9.6
1112
SMBJ26A-TR
BUK SMBJ26CA-TR
BBK
1
26
28.9
1
42.1
14.9
53.5
75
9.7
1075
SMBJ28A-TR
BUL SMBJ28CA-TR
BBL
1
28
31.1
1
45.4
13.8
59
68
9.8
1000
SMBJ30A-TR
BUM SMBJ30CA-TR
BBM
1
30
33.3
1
48.4
13
64.3
62
9.9
950
SMBJ33A-TR
BUN SMBJ33CA-TR
BBN
1
33
36.7
1
53.3
11.8
69.7
57
10.0
900
SMBJ40A-TR
CUJ SMBJ40CA-TR
CBJ
1
40
44.4
1
64.5
9.7
84
48
10.1
800
SMBJ48A-TR
BUW SMBJ48CA-TR
BBW
1
48
53.3
1
77.4
8.1
100
40
10.3
700
SMBJ58A-TR
BUO SMBJ58CA-TR
BBO
1
58
64.4
1
93.6
6.7
121
33
10.4
625
SMBJ70A-TR
CUM SMBJ70CA-TR
CBM
1
70
77.8
1
113
5.5
146
27
10.5
550
SMBJ85A-TR
BUQ SMBJ85CA-TR
BBQ
1
85
94.4
1
137
4.6
178
22.5
10.6
500
SMBJ100A-TR
CUQ SMBJ100CA-TR
CBQ
1
100
111
1
162
3.8
212
19
10.7
450
SMBJ130A-TR
BUS SMBJ130CA-TR
BBS
1
130
144
1
209
3
265
15
10.8
400
SMBJ154A-TR
BUT SMBJ154CA-TR
BBT
1
154
171
1
246
2.4
317
12.6
10.8
360
SMBJ170A-TR
BUU SMBJ170CA-TR
BBU
1
170
189
1
275
2.2
353
11.3
10.8
350
SMBJ188A-TR
BUV SMBJ188CA-TR
BBV
1
188
209
1
328
2
388
10.3
10.8
330
Note 2 : Pulse test : tp <50 ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C).
Note 4 : VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
10
s
1000
s
%I PP
50
0
t
PULSE WAVEFORM 10/1 000 s
100
®
SMBJxxxA-TR, CA-TR
2/6


Similar Part No. - SMBJ30CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ30CA-TR STMICROELECTRONICS-SMBJ30CA-TR Datasheet
158Kb / 6P
   TRANSILTM
SMBJ30CA-TR STMICROELECTRONICS-SMBJ30CA-TR Datasheet
133Kb / 10P
   Transil
SMBJ30CA-TR STMICROELECTRONICS-SMBJ30CA-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results

Similar Description - SMBJ30CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com