Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH16543A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVCH16543A
Description  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH16543A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCH16543A_08 Datasheet HTML 3Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 4Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 5Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 6Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 7Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 8Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 9Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 10Page - Texas Instruments SN74LVCH16543A_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVCH16543A
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS317M – NOVEMBER 1993 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A or B
B or A
(1)
(1)
(1)
(1)
6.1
1.2
5.4
tpd
ns
LE
A or B
(1)
(1)
(1)
(1)
7.4
1.5
6.1
ten
(1)
(1)
(1)
(1)
7.9
1.2
6.6
CE
A or B
ns
tdis
(1)
(1)
(1)
(1)
7.1
1.5
6.6
ten
(1)
(1)
(1)
(1)
7.6
1
6.3
OE
A or B
ns
tdis
(1)
(1)
(1)
(1)
6.9
1.5
6.3
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
44
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
(1)
(1)
4
(1)
This information was not available at the time of publication.
7


Similar Part No. - SN74LVCH16543A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16543ADGG TI-SN74LVCH16543ADGG Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543ADL TI-SN74LVCH16543ADL Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16543A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com