Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT273DWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT273DWRG4
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT273DWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ABT273DWRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 9Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 10Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 11Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 12Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 13Page - Texas Instruments SN74ABT273DWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74ABT273DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT273DWRG4 TI-SN74ABT273DWRG4 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
More results

Similar Description - SN74ABT273DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT273 TI-SN54ABT273_07 Datasheet
592Kb / 19P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
SN54ABT273 TI-SN54ABT273 Datasheet
97Kb / 16P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74LS273 HITACHI-HD74LS273 Datasheet
73Kb / 6P
   Octal D-type Positive-edge-triggered Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS273 RENESAS-HD74LS273 Datasheet
98Kb / 7P
   Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com