Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

117GE300C101C1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 117GE300C101C1
Description  Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

117GE300C101C1 Datasheet(HTML) 2 Page - CTS Corporation

  117GE300C101C1 Datasheet HTML 1Page - CTS Corporation 117GE300C101C1 Datasheet HTML 2Page - CTS Corporation 117GE300C101C1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 115P, P.C. Mounted
DIMENSION:
mm
INCH
Type 115T, Twist Tab Mounted
DIMENSION:
mm
INCH
MOUNTING SURFACE
11.51
6.73
PIERCING
5.16
9.78
8.33
6.76
1.98X0.41
TERMINALS
18.24
16.51
9.78
6.73
SLOTS 1.57X4.72
END C.C.W
ROT.
ROT.
2 CROSS
19.84
END C.W
270° ROT.
SUGGESTED PANEL
10.29±0.05
9.4±0.05
20.57±0.05
.266
.328
.385
.453
.265
.203
1.6
.063
.810±.002
.405±.002
.050
MIN.
1.27
.050
1.27 MIN.
1.4
.055
2.79±0.05
.110±.002
.781
.062X.186
45°
45°
.313
7.95
CENTER TERMINAL SUPPLIED WITH INSULATED CONTACT ARM CONSTRUCTION.
OMITTED ON GROUNDED CONTACT ARM CONSTRUCTION.
.718
.650
.385
.265
.094
2.39
6.35
.078X.016
1.6
.063
OPTIONAL TERMINAL POSITION
PARALLEL TO MTG. SURFACE
1.52
.060
1.4
.055
.110±.002
2.79±0.05
.370±.002
1.6
.063
.250
40°
40°
PRINTED CIRCUIT BOARD
11.91
6.35
3.96
10.31
7.92
5.56
1.98X0.41
TERMINALS
18.26
15.88
10.31
5.56
SLOTS 1.57X4.72
END C.C.W
ROT.
ROT.
2 CROSS
23.01±0.38
END C.W
270° ROT.
9.4±0.05
.219
.312
.406
.469
.250
.156
1.6
.063
.062
1.57
.062
1.57
2.08
.082
4.17
.164
.906±.015
.062X.186
45°
45°
.313
7.95
CENTER TERMINAL SUPPLIED WITH INSULATED CONTACT ARM CONSTRUCTION.
OMITTED ON GROUNDED CONTACT ARM CONSTRUCTION.
.719
.625
.406
.219
.156
3.96
6.35
.078X.016
1.6
.063
OPTIONAL TERMINAL POSITION
PARALLEL TO MTG. SURFACE
1.52
.060
1.4
.055
.110±.002
2.79±0.05
.370±.002
19.84
.781
7.92
.312
MOUNTING SURFACE
1.6
.063
10.41
.410
.250
10.41
.410
40°
40°
2 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com
Type 116E,Snap-in Ear Mounted
DIMENSION:
mm
INCH
MOUNTING SURFACE
11.51
6.76
4.78
9.93
8.33
6.35
1.98X0.41
TERMINALS
18.26
16.28
9.93
6.35
SLOTS 1.57X4.72
END C.C.W
ROT.
ROT.
2 CROSS
21.59
END C.W
270° ROT.
10.11±0.05
9.4±0.05
20.22±0.05
.250
.328
.391
.453
.266
.188
1.6
.063
.796±.002
.398±.002
.062
MIN.
1.57
.062
1.57 MIN.
1.4
.055
2.79±0.05
.110±.002
.850
.062X.186
45°
45°
.313
7.95
CENTER TERMINAL SUPPLIED WITH INSULATED CONTACT ARM CONSTRUCTION.
OMITTED ON GROUNDED CONTACT ARM CONSTRUCTION.
.719
.641
.391
.250
.094
2.39
6.35
.078X.016
1.6
.063
OPTIONAL TERMINAL POSITION
PARALLEL TO MTG. SURFACE
1.52
.060
1.4
.055
.110±.002
2.79±0.05
.370±.002
1.6
.063
8.33
.328
PRINTED CIRCUIT BOARD
.250
SUGGESTED PANEL PIERCING
40°
40°


Similar Part No. - 117GE300C101C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
117GE300C101A1 CTS-117GE300C101A1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117GE300C101B1 CTS-117GE300C101B1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
117GE300C101D1 CTS-117GE300C101D1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
More results

Similar Description - 117GE300C101C1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TE Connectivity Ltd
154N TEC-154N Datasheet
144Kb / 5P
   19mm Diameter Package
logo
CTS Corporation
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com