Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N04-25P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N04-25P
Description  N-Channel 40-V (D-S) 175°C MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N04-25P Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N04-25P Datasheet HTML 1Page - Vishay Siliconix SUD50N04-25P Datasheet HTML 2Page - Vishay Siliconix SUD50N04-25P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model SUU/SUD50N04-25P
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
494
A
VGS = 10 V, ID = 15 A
0.018
0.016
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 10 A
0.021
0.020
Forward Voltage
a
VSD
IS = 10 A
0.86
0.87
V
Forward Transconductance
a
gfs
VDS =15V, ID = 15 A
31
42
S
Dynamic
b
Input Capacitance
Ciss
1376
1195
Output Capacitance
Coss
152
150
Reverse Transfer Capacitance
Crss
VDS = 20 V, VGS = 0 V, f = 1 MHz
68
80
pF
VDS = 20 V, VGS = 10 V, ID = 30 A
22
25
Total Gate Charge
c
Qg
11
11.4
Gate-Source Charge
c
Qgs
3.2
3.2
Gate-Drain Charge
c
Qgd
VDS = 20 V, VGS = 4.5 V, ID = 30 A
4.2
4.2
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
2
www.vishay.com
Document Number: 74356
S-62520
Rev. A, 18-Dec-06


Similar Part No. - SUD50N04-25P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-05L VISHAY-SUD50N04-05L Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-05L-E3 VISHAY-SUD50N04-05L-E3 Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD50N04-06P VISHAY-SUD50N04-06P Datasheet
114Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
More results

Similar Description - SUD50N04-25P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-09H VISHAY-SUD50N04-09H Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. E, 06-Aug-07
SIDR402EP VISHAY-SIDR402EP Datasheet
173Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SUM110N04-2M3L VISHAY-SUM110N04-2M3L Datasheet
121Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUD50N04-05L VISHAY-SUD50N04-05L Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-16P VISHAY-SUD50N04-16P Datasheet
115Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM110N04-05H VISHAY-SUM110N04-05H_08 Datasheet
112Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
logo
VBsemi Electronics Co.,...
VBL7402 VBSEMI-VBL7402 Datasheet
459Kb / 8P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-16
logo
VBsemi Electronics Co.,...
VBL7401 VBSEMI-VBL7401 Datasheet
410Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM110N04-03P VISHAY-SUM110N04-03P Datasheet
109Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com