Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS418169A Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS418169A
Description  1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418169A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS418169A Datasheet HTML 5Page - Texas Instruments TMS418169A Datasheet HTML 6Page - Texas Instruments TMS418169A Datasheet HTML 7Page - Texas Instruments TMS418169A Datasheet HTML 8Page - Texas Instruments TMS418169A Datasheet HTML 9Page - Texas Instruments TMS418169A Datasheet HTML 10Page - Texas Instruments TMS418169A Datasheet HTML 11Page - Texas Instruments TMS418169A Datasheet HTML 12Page - Texas Instruments TMS418169A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TMS418169A, TMS428169A
1048576 BY 16-BIT EXTENDED DATA OUT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS892C – AUGUST 1996 – REVISED SEPTEMBER 1997
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 3)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A9
5
pF
Ci(OE)
Input capacitance, OE
7
pF
Ci(RC)
Input capacitance, xCAS and RAS
7
pF
Ci(W)
Input capacitance, W
7
pF
CO
Output capacitance†
7
pF
† xCAS and OE = VIH to disable outputs
NOTE 3: VCC = 5 V ± 0.5 V or 3.3 V ± 0.3 V, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 4)
PARAMETER
’418169A - 50
’418169A - 60
’428169A -60
’418169A - 70
’428169A-70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address (see Note 5)
25
30
35
ns
tCAC
Access time from xCAS (see Note 5)
13
15
18
ns
tCPA
Access time from xCAS precharge (see Note 5)
28
35
40
ns
tRAC
Access time from RAS (see Note 5)
50
60
70
ns
tOEA
Access time from OE (see Note 5)
13
15
18
ns
tCLZ
Delay time, xCAS to output in the low-impedance state
0
0
0
ns
tOEZ
Output buffer turnoff delay from OE (see Note 6)
3
13
3
15
3
18
ns
tREZ
Output buffer turnoff delay from RAS (see Note 6)
3
13
3
15
3
18
ns
tCEZ
Output buffer turnoff delay from xCAS (see Note 6)
3
13
3
15
3
18
ns
tWEZ
Output buffer turnoff delay from W (see Note 6)
3
13
3
15
3
18
ns
NOTES:
4. With ac parameters, it is assumed that tT = 2 ns.
5. Access times for TMS428169A are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
6. The MAX specifications of tREZ , tCEZ , tWEZ,and tOEZarespecifiedwhentheoutputisnolongerdriven.Data-inshouldnotbedriven
until one of the applicable maximum specifications is satsified.
EDO timing requirements (see Note 4)
’418169A - 50
’418169A - 60
’428169A-60
’418169A - 70
’428169A -70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tHPC
Cycle time, EDO page-mode read or write
20
25
30
ns
tPRWC
Cycle time, EDO read-write
57
68
78
ns
tCSH
Delay time, RAS active to xCAS precharge
40
48
58
ns
tCHO
Hold time, OE from xCAS
7
10
10
ns
tDOH
Hold time, output from xCAS active
5
5
5
ns
tCAS
Pulse duration, xCAS active (see Note 7)
8
10 000
10
10 000
12
10 000
ns
tWPE
Pulse duration, W (output disable only)
7
7
7
ns
tCP
Pulse duration, xCAS precharge
8
10
10
ns
tOCH
Setup time, OE before xCAS
8
10
10
ns
tOEP
Precharge time, OE (output disable only)
5
5
5
ns
NOTES:
4. With ac parameters, it is assumed that tT = 2 ns.
7. In a read-write cycle, tCWD and tCWL must be observed.


Similar Part No. - TMS418169A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418169 TI-TMS418169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS418169 TI1-TMS418169 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS418169-60DZ TI1-TMS418169-60DZ Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS418169-70DZ TI1-TMS418169-70DZ Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS418169P-60 TI-TMS418169P-60 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
More results

Similar Description - TMS418169A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS465169 TI1-TMS465169 Datasheet
469Kb / 30P
[Old version datasheet]   4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
TMS417809A TI1-TMS417809A Datasheet
427Kb / 29P
[Old version datasheet]   2097152 BY 8-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS464409 TI1-TMS464409 Datasheet
520Kb / 33P
[Old version datasheet]   16 777 216 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com