Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F206PZA Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320F206PZA
Description  DIGITAL SIGNAL PROCESSOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F206PZA Datasheet(HTML) 4 Page - Texas Instruments

  TMS320F206PZA Datasheet HTML 1Page - Texas Instruments TMS320F206PZA Datasheet HTML 2Page - Texas Instruments TMS320F206PZA Datasheet HTML 3Page - Texas Instruments TMS320F206PZA Datasheet HTML 4Page - Texas Instruments TMS320F206PZA Datasheet HTML 5Page - Texas Instruments TMS320F206PZA Datasheet HTML 6Page - Texas Instruments TMS320F206PZA Datasheet HTML 7Page - Texas Instruments TMS320F206PZA Datasheet HTML 8Page - Texas Instruments TMS320F206PZA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TMS320F206
DIGITAL SIGNAL PROCESSOR
SPRS050A – NOVEMBER 1996 – REVISED APRIL 1998
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320F206 Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
MEMORY CONTROL SIGNALS (CONTINUED)
WE
44
O/Z
Write enable. The falling edge of WE indicates that the device is driving the external data bus (D15 – D0). Data
can be latched by an external device on the rising edge of WE. WE is active on all external program, data, and
I / O writes. WE goes into the high-impedance state when OFF is active low.
STRB
46
O/Z
Strobe signal. STRB is always high unless asserted low to indicate an external bus cycle. STRB goes into the
high-impedance state when OFF is active low.
MULTI-PROCESSING SIGNALS
BR
43
O/Z
Bus-request signal. BR is asserted when a global data-memory access is initiated. BR goes into the
high-impedance state when OFF is active low.
HOLDA
6
O/Z
Hold-acknowledge signal. HOLDA indicates to the external circuitry that the processor is in a hold state and
that the address, data, and memory control lines are in the high-impedance state so that they are available to
the external circuitry for access of local memory. HOLDA goes into the high-impedance state when OFF is
active low.
XF
98
O/Z
External flag output (latched software-programmable signal). XF is used for signalling other processors in
multiprocessing configurations or as a general-purpose output pin. XF goes into the high-impedance state
when OFF is active low.
BIO
99
I
Branch control input. When polled by the BIOZ instruction, if BIO is low, the TMS320F206 executes a branch.
IO0
IO1
IO2
IO3
96
97
8
9
I / O/Z
Software-controlled input / output pins by way of the asynchronous serial-port control register (ASPCR). At
reset, IO0–IO3 are configured as inputs. These pins can be used as general-purpose input / output pins or as
handshake control for the UART. IO0 – IO3 go into the high-impedance state when OFF is active low.
IO0 also functions as a frame-sync output when the synchronous serial port (SSP) is used in multichannel
mode.
INITIALIZATION, INTERRUPTS, AND RESET OPERATIONS
RS
100
I
Reset input. RS causes the TMS320F206 to terminate execution and forces the program counter to zero.
When RS is brought high, execution begins at location 0 of program memory after 16 cycles. RS affects various
registers and status bits.
TEST
1
I
Reserved input pin. TEST is connected to VSS for normal operation.
MP/MC
2
I
Microprocessor/microcomputer-mode-select pin. If MP/MC is low, the on-chip flash memory is mapped into
program space. When MP/MC is high, the device accesses off-chip memory. This pin is only sampled at reset,
and its value is latched into bit 0 of the PMST register.
NMI
17
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the interrupt-mode bit
(INTM) or the interrupt mask register (IMR). When NMI is activated, the processor traps to the appropriate
vector location. If NMI is not used, it should be pulled high.
HOLD/INT1
18
I
HOLD and INT1 share the same pin. Both are treated as interrupt signals. If the MODE bit is 0 in the
interrupt-control register (ICR), hold logic can be implemented in combination with the IDLE instruction in
software. At reset, the MODE bit in ICR is zero, enabling the HOLD mode for the pin.
INT2
INT3
19
20
I
External user interrupts. INT2 and INT3 are prioritized and maskable by the IMR and the INTM. INT2 and INT3
can be polled and reset by way of the interrupt flag register (IFR).
OSCILLATOR, PLL, AND TIMER SIGNALS
TOUT
92
O/Z
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is one
CLKOUT1-cycle wide. TOUT goes into the high-impedance state when OFF is active low.
CLKOUT1
15
O/Z
Master clock output signal. The CLKOUT1 signal cycles at the machine-cycle rate of the CPU. The internal
machine cycle is bounded by the rising edges of CLKOUT1. CLKOUT1 goes into the high-impedance state
when OFF is active low.
CLKIN/X2
X1
12
13
I
O
Input clock. CLKIN/X2 is the input clock to the device. As CLKIN, the pin operates as the external oscillator
clock input, and as X2, the pin operates as the internal oscillator input with X1 being the internal oscillator
output.
† I = input, O = output, Z = high impedance, PWR = power, GND = ground


Similar Part No. - TMS320F206PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F206PZA TI-TMS320F206PZA Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320F206PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com