Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR730FZ2H7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR730FZ2H7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ2H7 Datasheet(HTML) 1 Page - STMicroelectronics

  STR730FZ2H7 Datasheet HTML 1Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 2Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 3Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 4Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 5Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 6Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 7Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 8Page - STMicroelectronics STR730FZ2H7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
June 2008
Rev 7
1/52
52
STR73xFxx
ARM7TDMI™ 32-bit MCU with Flash, 3x CAN,
4 UARTs, 20 timers, ADC, 12 comm. interfaces
Features
Core
– ARM7TDMI 32-bit RISC CPU
– 32 MIPS @ 36 MHz
Memories
– Up to 256 Kbytes Flash program memory
(10,000 cycles endurance, data retention
20 years @ 85° C)
– 16 Kbytes RAM
Clock, reset and supply management
– 4.5 - 5.5 V application supply and I/Os
– Embedded 1.8 V regulator for core supply
– Embedded oscillator running from external
4-8 MHz crystal or ceramic resonator
– Up to 36 MHz CPU frequency with internal
PLL
– 32 kHz or 2 MHz internal RC oscillator,
software configurable for fast startup and
backup clock
– Real-time clock for clock-calendar function
– Wake-up timer driven by internal RC for
wake-up from STOP mode
– 5 power saving modes: SLOW, WFI,
LPWFI, STOP and HALT modes
Nested interrupt controller
– Fast interrupt handling with multiple vectors
– 64 maskable IRQs with 64 vectors and 16
priority levels
– 2 maskable FIQ sources
– 16 external interrupts, up to 32 wake-up
lines
Up to 112 I/O ports
– 72/112 multifunctional bidirectional I/Os
DMA
– 4 DMA controllers with 4 channels each
Timers
– 16-bit watchdog timer (WDG)
– 6/10 16-bit timers (TIM) each with: 2 input
captures, 2 output compares, PWM and
pulse counter modes
– 6 16-bit PWM modules (PWM)
– 3 16-bit timebase timers with 8-bit
prescalers
12 communications interfaces
–2 I2C interfaces
– 4 UART asynchronous serial interfaces
– 3 BSPI synchronous serial interfaces
–Up to 3 CAN interfaces (2.0B Active)
10-bit A/D converter
– 12/16 channels
– Conversion time: min. 3 µs, range: 0 to 5V
Development tools support
–JTAG interface
Table 1.
Device summary
Reference
Part number
STR73xFxx
STR730FZ1, STR730FZ2,
STR731FV0, STR731FV1,
STR731FV2,
STR735FZ1, STR735FZ2,
STR736FV0, STR736FV1,
STR736FV2
TQFP144
20 x 20
TQFP100 14 x 14
LFBGA144 10 x 10 x 1.7
www.st.com


Similar Part No. - STR730FZ2H7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
380Kb / 22P
   ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
663Kb / 40P
   ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
March 2006 Rev 3
STR730FZ2H7 STMICROELECTRONICS-STR730FZ2H7 Datasheet
1Mb / 53P
   ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results

Similar Description - STR730FZ2H7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR730FZ1T7 STMICROELECTRONICS-STR730FZ1T7 Datasheet
380Kb / 22P
   ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
STR73XF_0609 STMICROELECTRONICS-STR73XF_0609 Datasheet
1Mb / 53P
   ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
   ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
March 2006 Rev 3
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STM32F091XB STMICROELECTRONICS-STM32F091XB Datasheet
1Mb / 127P
   ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com