Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7910SCU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT7910SCU
Description  12-BIT, 10 MSPS, ECL, A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPT7910SCU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT7910SCU Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7910
12-BIT, 10 MSPS, ECL, A/D CONVERTER
The SPT7910 analog-to-digital converter is industry's first
12-bit monolithic analog-to-digital converter capable of sample
rates greater than 10 MSPS. On board input buffer and track/
hold function assures excellent dynamic performance with-
out the need for external components. Drive requirement
problems are minimized with an input capacitance of only
5 pF.
Inputs and outputs are ECL to provide a higher level of noise
immunity in high speed system applications. An overrange
output signal is provided to indicate overflow conditions.
Output data format is straight binary. Power dissipation is
very low at only 1.4 watts with power supply voltages of +5.0
and -5.2 volts. The SPT7910 also provides a wide input
voltage range of
±2.0 volts.
The SPT7910 is available in a 32-lead ceramic sidebrazed
DIP package and in die form. A commercial temperature
range of 0 to +70
°C is currently offered.
GENERAL DESCRIPTION
FEATURES
• Monolithic
• 12-Bit 10 MSPS Converter
• 67 dB SNR @ 500 kHz Input
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• Low Power (1.4 W Typical)
• 5 pF Input Capacitance
• ECL Outputs
APPLICATIONS
• Radar Receivers
• Professional Video
• Instrumentation
• Medical Imaging
• Electronic Warfare
• Digital Communications
• Digital Spectrum Analyzers
• Electro-Optics
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
VIN
12
DIGITAL
OUTPUT
4
4-BIT FLASH
CONVERTER
INPUT
BUFFER
ANALOG GAIN
COMPRESSION
PROCESSOR
TRACK AND HOLD
AMPLIFIERS
ASYNCHRONOUS
SAR
ERROR
CORRECTION,
DECODING
AND
OUTPUT ECL
DRIVERS
8
BLOCK DIAGRAM


Similar Part No. - SPT7910SCU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920SCJ ETC1-SPT7920SCJ Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7920SCJ CADEKA-SPT7920SCJ Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920SCQ ETC1-SPT7920SCQ Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
More results

Similar Description - SPT7910SCU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Intersil Corporation
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
SPT7920 CADEKA-SPT7920 Datasheet
187Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
List of Unclassifed Man...
SPT7920 ETC1-SPT7920 Datasheet
104Kb / 11P
   12-BIT, 10 MSPS, TTL, A/D CONVERTER
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com