Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

575T25DF Datasheet(PDF) 4 Page - CTS Corporation

Part # 575T25DF
Description  Temperature Compensated Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575T25DF Datasheet(HTML) 4 Page - CTS Corporation

  575T25DF Datasheet HTML 1Page - CTS Corporation 575T25DF Datasheet HTML 2Page - CTS Corporation 575T25DF Datasheet HTML 3Page - CTS Corporation 575T25DF Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document No. 008-0307-0
Page 4 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 575
7x5mm Ceramic Package
Clipped Sinewave VCTCXO
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
TAPE AND REEL INFORMATION
DIMENSIONS IN MILLIMETERS
DIRECTION OF FEED
5.40
7.90
8.40
5.70
16.0
8.0
4.0
Ø1.50
1.75
2.10
2.40
Ø23
Ø180
Ø60
Ø13
120°
17.5
2.0
Device quantity is 1,000 pieces per 180mm reel.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
200 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1
minute transfer time between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3
mutually perpendicular planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles
each in 3 mutually perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at
+125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
Temperature and Humidity:
85°C, 85% R.H., full bias, 500 hours.
High Temperature Operating Bias:
2,000 hours at +125°C, maximum bias, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, full bias, less than ±1 ppm shift.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.


Similar Part No. - 575T25DF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
575 LITTELFUSE-575 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Intersil Corporation
575-4 INTERSIL-575-4 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Vishay Siliconix
575-4 VISHAY-575-4 Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
575-4 VISHAY-575-4 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
logo
Texas Instruments
575-4 TI1-575-4 Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
More results

Similar Description - 575T25DF

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com