Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-STD-461E Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MIL-STD-461E
Description  2A EMI Filter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-STD-461E Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MIL-STD-461E Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 5Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 6Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 7Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 8Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 9Page - List of Unclassifed Manufacturers MIL-STD-461E Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For locations, phone, fax, E-Mail see back cover
9
EMI Filter FGDS-2A-50V
Gaia Converter FC05-050.03/08 Revision B
©
6
Hi-Rel
Grade
8- Dimensions
9- Product Marking
Upper face : Company logo, location of manufacturing.
Side face :
Module reference, option, date code : year and week of manufacturing.
10- Connections
Dimension are given in mm (inches). Tolerance : +/- 0,2 mm (+/- 0.01 “) unless otherwise indicated.
Weight : 10 grams (0.3 Ozs) max.
plastic case black solder plated pin
Pin dimensions : O 0,73 mm (0.029 ”)
35,50
(1.4")
27,94
(1.10")
10,20
(0.4")
5 min
(0,20")
15,24
(0.60")
20,50
(0.80")
10,70
(0.42")
7,62
(0.30")
5
1
4
2
3
Bottom view
Pin
Single
1
+ Input (Vi)
2+ Output (Vo)
3Ground (Gnd)
4- Output (Go)
5
- Input (Gi)


Similar Part No. - MIL-STD-461E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
MIL-STD-1005 LITEON-MIL-STD-1005 Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
MIL-STD-1005 LITEON-MIL-STD-1005 Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
MIL-STD-1008 LITEON-MIL-STD-1008 Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
MIL-STD-1008 LITEON-MIL-STD-1008 Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
MIL-STD-1010 LITEON-MIL-STD-1010 Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
More results

Similar Description - MIL-STD-461E

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Interpoint Corporation ...
FM-704A INTERPOINT-FM-704A_11 Datasheet
1Mb / 9P
   EMI Input Filter and Transient Suppression Module
logo
TE Connectivity Ltd
GG8 TEC-GG8 Datasheet
288Kb / 3P
   Power entry module with enhanced EMI filter
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com