Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27322DGNRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC27322DGNRG4
Description  SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27322DGNRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27322DGNRG4 Datasheet HTML 1Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 2Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 3Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 4Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 5Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 6Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 7Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 8Page - Texas Instruments UCC27322DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504D − SEPTEMBER 2002 − REVISED SEPTEMBER 2007
5
www.ti.com
pin configurations
1
2
3
4
8
7
6
5
VDD
IN
ENBL
AGND
VDD
OUT
OUT
PGND
PDIP (P) PACKAGE
(TOP VIEW)
SOIC (D) OR MSOP (DGN) PACKAGE
(TOP VIEW)
VDD
OUT
OUT
PGND
8
7
6
5
1
2
3
4
VDD
IN
ENBL
AGND
power dissipation rating table
PACKAGE
SUFFIX
θjc (5C/W)
θja (5C/W)
Power Rating
(mW)
TA = 705C †
Derating Factor
Above
70
5C (mW/5C) †
SOIC-8
D
42
84 – 160
}
344−655
}
6.25 − 11.9
}
PDIP-8
P
49
110
500
9
MSOP PowerPAD-8
DGN
4.7
50−59
1370
17.1
† 125°C operating junction temperature is used for power rating calculations
‡ The range of values indicates the effect of pc−board. These values are intended to give the system designer an indication
of the best and worst case conditions. In general, the system designer should attempt to use larger traces on the pc−board
where possible in order to spread the heat away form the device more effectively. For additional information on device
temperature management, please refer to Packaging Information section of the Power Supply Control Products Data
Book, (Ti Literature Number SLUD003).
terminal functions
TERMINAL
FUNCTION
NO.
NAME
I/O
FUNCTION
4
AGND
Common ground for input stage. This ground should be connected very closely to the
source of the power MOSFET which the driver is driving. Grounds are separated to mini-
mize ringing affects due to output switching di/dt which can affect the input threshold.
3
ENBL
I
Enable input for the driver with logic compatible threshold and hysteresis. The driver output
can be enabled and disabled with this pin. It is internally pulled up to VDD with 100-kΩ
resistor for active high operation. The output state when the device is disabled will be low
regardless of the input state.
2
IN
I
Input signal of the driver which has logic compatible threshold and hysteresis.
6, 7
OUT
O
Driver outputs that must be connected together externally. The output stage is capable of
providing 9-A peak drive current to the gate of a power MOSFET.
5
PGND
Common ground for output stage. This ground should be connected very closely to the
source of the power MOSFET which the driver is driving. Grounds are separated to mini-
mize ringing affects due to output switching di/dt which can affect the input threshold.
1, 8
VDD
I
Supply voltage and the power input connections for this device. Three pins must be con-
nected together externally.


Similar Part No. - UCC27322DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322DGNRG4 TI1-UCC27322DGNRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322DGNRG4 TI1-UCC27322DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC27322DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com