Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-STD-202G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MIL-STD-202G
Description  2A EMI Filter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-STD-202G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MIL-STD-202G Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 5Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 6Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 7Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 8Page - List of Unclassifed Manufacturers MIL-STD-202G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For locations, phone, fax, E-Mail see back cover
3
EMI Filter FGDS-2A-50V
Gaia Converter FC05-050.03/08 Revision B
©
6
Hi-Rel
Grade
4- EMI Filter Electrical Schematics
The GAIA Converter FGDS-2A-50V is suitable for all GAIA Converter DC/DC converters and combinations :
• from 4W up to 50W total input power and up to 2A input current
• up to 50V permanent input voltage and up to 100V transient input voltage during 50ms
4-1 EMI Filter Electrical Schematics in Front of MGDM-04/10/18/20/26 & CGDM Series
The GAIA Converter FGDS-2A-50V can be used directly in front of any DC/DC converter and combinations
using of MGDM-04, MGDM-10, MGDM-18, MGDM-20, MGDM-26 and CGDM series. For better EMI performance and
stability purpose, GAIA Converter recommends to use a RC cell (see section 4-4) together with a common mode
noise capacitance Cc (10nF typical) connected between Gin and Gout pins of each DC/DC converter.
C*
R*
MGDM-series
Go
Vo
GI
VI
Cc
Go
Vo
GI
VI
Gnd
EMI input filter
FGDS-2A-50V
4-2 EMI Filter Electrical Schematics in front of MGDM-25, MGDM-35 Series
The GAIA Converter FGDS-2A-50V can be used by adding an LC cell in front of any DC/DC converter and combinations
of MGDM-25, MGDM-35 series. For better EMI performance and stability purpose, GAIA Converter recommends to
use a RC cell (see section 4-4) and a LC cell (L=4.7µH, C=4.7µF) together with a common mode noise capacitance
Cc (10nF typical) connected between Gin and Gout pins of each DC/DC converter.
C*
R*
MGDM-series
Go
Vo
GI
VI
Cc
LC cell
Go
Vo
GI
VI
Gnd
EMI input filter
FGDS-2A-50V
4-3 EMI Filter Electrical Schematics in Front of Pre-regulator PGDS Series :
The GAIA Converter FGDS-2A-50V can be used directly in front of pre-regulators PGDS series with any DC/DC
converter and combinations of MGDM-04, MGDM-10, MGDM-18, MGDM-20, MGDM-26 and CGDM series.
For better EMI performance and stability purposes, GAIA Converter recommends to use a RC cell (see section 4-4)
together with a common mode noise capacitance Cc (10nF typical) connected between Gin and Gout pins of each converter.
MGDM-series
Go
Vo
GI
VI
Cc
Go
Vo
GI
VI
Gnd
EMI input filter
FGDS-2A-50V
On/off
PGDS50
Go
Vo
GI
VI
Vimes
C*
R*


Similar Part No. - MIL-STD-202G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIL-STD-202 ITT-MIL-STD-202 Datasheet
517Kb / 41P
   CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
logo
List of Unclassifed Man...
MIL-STD-202 ETC2-MIL-STD-202 Datasheet
169Kb / 5P
   MODEL L SERIES
logo
Rosenberger Hochfrequen...
MIL-STD-202 ROSENBERGER-MIL-STD-202 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
MIL-STD-202 ROSENBERGER-MIL-STD-202 Datasheet
226Kb / 2P
   ADAPTOR SMA JACK ??7/16 PLUG
MIL-STD-202 ROSENBERGER-MIL-STD-202 Datasheet
329Kb / 2P
   ADAPTOR SMA PLUG ??7/16 PLUG
More results

Similar Description - MIL-STD-202G

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Interpoint Corporation ...
FM-704A INTERPOINT-FM-704A_11 Datasheet
1Mb / 9P
   EMI Input Filter and Transient Suppression Module
logo
TE Connectivity Ltd
GG8 TEC-GG8 Datasheet
288Kb / 3P
   Power entry module with enhanced EMI filter
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com