Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-STD-810E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MIL-STD-810E
Description  2A EMI Filter Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MIL-STD-810E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MIL-STD-810E Datasheet HTML 1Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 2Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 3Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 4Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 5Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 6Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 7Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 8Page - List of Unclassifed Manufacturers MIL-STD-810E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For locations, phone, fax, E-Mail see back cover
4
EMI Filter FGDS-2A-50V
Gaia Converter FC05-050.03/08 Revision B
©
6
Hi-Rel
Grade
4- EMI Filter Electrical Schematics (continued)
4-4 R*C* Network Discussion
The RC damping network is a network used for stability purposes in negative input impedance systems such as DC/DC
converters.
R and C is a network whose function is to lower the filter’s output impedance.
The value of the capacitor C strongly depends on the application’s conditions (input voltage range and total power drawn
from the source) as well as the standards that the equipment has to meet MIL-STD-461C, or D/E, ... this because
measurements method (LISN) differs from one standard to another affecting the C value.
DC/DC converters are negative input impedance systems whereas a filter composed of passive elements displays a positive
output impedance to the converter. To ensure the stability of the whole system “LISN + input Filter + DC/DC converters”, the
filter output impedance must be kept below the converter’s input impedance, which is given by the following formula :
Vin2
Vin2 x h
Zin = ____
=
_________
Pin
Po
where :
Vin is the converter input voltage,
Pin is the converter input power,
Po is the converter output power
h is the efficiency of the converter.
As it can be seen from the preceding equation, the worst case for system’s stability is at Vinmin, so this is the condition
which should be considered for the filter design.
As the filter is made of low ESR inductors and ceramic capacitors, it has an important Q which causes a sharp increase of
the filter’s output impedance at the resonant frequency and leads to a violation of the stability criteria, causing the system
to break into oscillations.
Consequently, the values of C and R have to be adjusted to dampen sufficiently the filter’s resonance and make its
output impedance lower than the converter’s input impedance (a 10dB margin between both values is recommended).
The following formula can be used to determine the capacitor value :
( L
LISN + 4 .10
-6 ) x Po x k
C >
_________________________________
Vin2 x (R + R
L)
Where :
LLISN is the LISN inductor value
Po is the filter output power
R is the capacitor esr (equivalent serial resistor) of C
RLis the input bus equivalent resistor. It is the sum of the line + LISN network + input connector resistors
k is the stability margin factor.
This factor is given by the following formula : Stability margin (dB) = 20 log (k)
Vin is the converter input voltage


Similar Part No. - MIL-STD-810E

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
List of Unclassifed Man...
MIL-STD-810 ETC1-MIL-STD-810 Datasheet
70Kb / 2P
   GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
   Defense and Military Antennas
logo
Harris Corporation
MIL-STD-810F HARRIS-MIL-STD-810F Datasheet
369Kb / 2P
   The VC4000 Charger
More results

Similar Description - MIL-STD-810E

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Interpoint Corporation ...
FM-704A INTERPOINT-FM-704A_11 Datasheet
1Mb / 9P
   EMI Input Filter and Transient Suppression Module
logo
TE Connectivity Ltd
GG8 TEC-GG8 Datasheet
288Kb / 3P
   Power entry module with enhanced EMI filter
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com