Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36511ER10JTE Datasheet(PDF) 5 Page - Tyco Electronics

Part # 36511ER10JTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36511ER10JTE Datasheet(HTML) 5 Page - Tyco Electronics

  36511ER10JTE Datasheet HTML 1Page - Tyco Electronics 36511ER10JTE Datasheet HTML 2Page - Tyco Electronics 36511ER10JTE Datasheet HTML 3Page - Tyco Electronics 36511ER10JTE Datasheet HTML 4Page - Tyco Electronics 36511ER10JTE Datasheet HTML 5Page - Tyco Electronics 36511ER10JTE Datasheet HTML 6Page - Tyco Electronics 36511ER10JTE Datasheet HTML 7Page - Tyco Electronics 36511ER10JTE Datasheet HTML 8Page - Tyco Electronics 36511ER10JTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type 36512A Series - 0805 Package - Low Profile
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Colour
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
Code
1N8
3N9
4N7
6N8
8N2
10N
12N
15N
18N
22N
27N
33N
39N
47N
56N
68N
82N
R10
R12
R15
1R0
1.8 @ 250MHz
3.9 @ 250MHz
4.7 @ 250MHz
6.8 @ 250MHz
8.2 @ 250MHz
10.0 @ 250MHz
12.0 @ 250MHz
15.0 @ 250MHz
18.0 @ 250MHz
22.0 @ 250MHz
27.0 @ 250MHz
33.0 @ 250MHz
39.0 @ 250MHz
47.0 @ 200MHz
56.0 @ 200MHz
68.0 @ 200MHz
82.0 @ 150MHz
100.0 @ 150MHz
120.0 @ 150MHz
150.0 @ 150MHz
1000.0 @ 25MHz
10
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
55 @ 1500MHz
50 @ 1000MHz
50 @ 1000MHz
50 @ 1000MHz
50 @ 1000MHz
55 @ 750MHz
55 @ 750MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
40 @ 250MHz
40 @ 250MHz
16 @ 50MHz
9400
6100
5500
5500
4800
3300
3800
2950
3100
2900
2450
2350
2200
2000
1850
1500
1500
1200
1150
1050
80
0.03
0.06
0.06
0.08
0.08
0.08
0.10
0.10
0.13
0.15
0.23
0.28
0.33
0.39
0.39
0.40
0.44
0.64
0.68
0.80
2.00
800
800
800
800
800
800
800
800
800
800
600
600
600
600
500
500
500
400
300
300
220
Black
Brown
Red
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Brown
Red
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Characteristics - Electrical
Type 36512C Series - 1008 Package - Low Profile
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Code
(nH)
(%)
Min.
(MHz)
(Ohms)
(mA)
3N3
3N9
4N7
5N6
6N8
8N2
15N
20N
30N
40N
50N
56N
60N
68N
70N
80N
90N
R56
3.3 @ 50MHz
3.9 @ 50MHz
4.7 @ 50MHz
5.6 @ 50MHz
6.8 @ 50MHz
8.2 @ 50MHz
15 @ 50MHz
20 @ 50MHz
30 @ 50MHz
40 @ 50MHz
50 @ 50MHz
56 @ 50MHz
60 @ 50MHz
68 @ 50MHz
70 @ 50MHz
80 @ 50MHz
90 @ 50MHz
560 @ 25MHz
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
42 @ 1500MHz
42 @ 1500MHz
42 @ 1500MHz
50 @ 1500MHz
50 @ 1500MHz
50 @ 1500MHz
57 @ 500MHz
72 @ 500MHz
69 @ 500MHz
67 @ 500MHz
72 @ 500MHz
67 @ 500MHz
75 @ 500MHz
72 @ 500MHz
68 @ 500MHz
75 @ 500MHz
80 @ 500MHz
40 @ 100MHz
6000
6000
6000
5800
5400
5000
3000
2400
2400
2000
1900
1850
1800
1750
1700
1400
1400
400
0.03
0.08
0.15
0.16
0.17
0.22
0.22
0.33
0.38
0.43
0.48
0.49
0.52
0.53
0.55
0.56
0.61
1.33
1000
1000
600
600
600
600
600
600
600
600
600
600
600
560
510
510
500
400


Similar Part No. - 36511ER10JTE

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36511-0025 MOLEX5-36511-0025 Datasheet
217Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 96 Circuits
36511-0098 MOLEX5-36511-0098 Datasheet
208Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
36511-0099 MOLEX5-36511-0099 Datasheet
219Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.30關m (12關") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
36511-0121 MOLEX5-36511-0121 Datasheet
208Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10關m (43關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
36511-0122 MOLEX5-36511-0122 Datasheet
216Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60關m (24關") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
More results

Similar Description - 36511ER10JTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com