Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC37321DRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC37321DRG4
Description  SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC37321DRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC37321DRG4 Datasheet HTML 6Page - Texas Instruments UCC37321DRG4 Datasheet HTML 7Page - Texas Instruments UCC37321DRG4 Datasheet HTML 8Page - Texas Instruments UCC37321DRG4 Datasheet HTML 9Page - Texas Instruments UCC37321DRG4 Datasheet HTML 10Page - Texas Instruments UCC37321DRG4 Datasheet HTML 11Page - Texas Instruments UCC37321DRG4 Datasheet HTML 12Page - Texas Instruments UCC37321DRG4 Datasheet HTML 13Page - Texas Instruments UCC37321DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504D − SEPTEMBER 2002 − REVISED SEPTEMBER 2007
10
www.ti.com
APPLICATION INFORMATION
drive current and power requirements (continued)
The switching load presented by a power MOSFET can be converted to an equivalent capacitance by examining
the gate charge required to switch the device. This gate charge includes the effects of the input capacitance
plus the added charge needed to swing the drain of the device between the ON and OFF states. Most
manufacturers provide specifications that provide the typical and maximum gate charge, in nC, to switch the
device under specified conditions. Using the gate charge Qg, one can determine the power that must be
dissipated when charging a capacitor. This is done by using the equivalence Qg = CeffV to provide the following
equation for power:
P
+ C
V2
f
+ Qg V f
This equation allows a power designer to calculate the bias power required to drive a specific MOSFET gate
at a specific bias voltage.
enable
UCC37321/2 provides an Enable input for improved control of the driver operation. This input also incorporates
logic compatible thresholds with hysteresis. It is internally pulled up to VDD with 100-kΩ resistor for active high
operation. When ENBL is high, the device is enabled and when ENBL is low, the device is disabled. The default
state of the ENBL pin is to enable the device and therefore can be left open for standard operation. The output
state when the device is disabled is low regardless of the input state. See the truth table below for the operation
using enable logic.
ENBL input is compatible with both logic signals and slow changing analog signals. It can be directly driven or
a power−up delay can be programmed with a capacitor between ENBL and AGND.
Table 1. Input/Ouput Table
INVERTING
UCC37321
0
0
0
0
1
0
0
1
1
1
1
0
NON−
INVERTING
UCC37322
0
0
0
0
1
0
0
0
1
1
1
1
ENBL
IN
OUT


Similar Part No. - UCC37321DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321DRG4 TI1-UCC37321DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37321DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com