Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111XB252D1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 111XB252D1
Description  Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

111XB252D1 Datasheet(HTML) 1 Page - CTS Corporation

  111XB252D1 Datasheet HTML 1Page - CTS Corporation 111XB252D1 Datasheet HTML 2Page - CTS Corporation 111XB252D1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
Commercial
3
/4
" (19mm)
Diameter, 11/2and 2
Watt Wirewound
Variable Resistors
• Inexpensive design
• Open construction
• Four mounting styles
• Incorporated fixed resistor available
• Available with nylon knob
• Interchangeable mounting with
CTS Series 115 preset potentiometer
Series 110
Electrical and Mechanical Specifications
Resistance Range
1 ohm through 10K ohms (linear taper)
Resistance Tolerance
Standard:±20%
Special:±5% or 10%
Power Rating, Watts
2 watts @ 55°C derated to no load @ 105°C,
mounted on steel panel
1.5 watts @ 55°C derated to no load @ 105°C,
mounted on bakelite panel
Voltage Rating
Determined by resistance value and wattage rating
Resistance Taper
Standard:Linear taper only
Minimum Resistance
At ends of rotation: 1% or 1 ohm, whichever is greater
Resistance Taper
None
Incorporated Fixed Resistor
A fixed resistor can be incorporated in the Series 110
at the end of CW or CCW rotation to a minimum of 10%
of the total resistance. The rotation is shortened by an
amount proportional to the ratio of the fixed resistor to
the total resistance. Available at extra cost.
Angle of Rotation
246°±5°without fixed resistor stop
Resistor Adjustment
Standard Cross Slot: Provided in drive plate for screwdriver
adjustment.
Special Molded Knob: Available at extra cost secured to
drive plate cross slot.
Mounting Types Available
Type 110:
Solder or clinch-ear mounted
Type XPC - 110: Vertically mounted on printed circuit board
Type 111:
Snap-in mounting
Type 112:
Eyelet or rivet mounting
Rotational Torque
1
/2
to 10 inch ounces (36 – 720 gf-cm)
Terminals
Terminals at end of CW or CCW rotation may be omitted.
Refer to terminals on all types by numbers 1 and 3 as
indicated on line drawings.
Features
• RoHS compliant
1 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 111XB252D1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
111 ARIES-111 Datasheet
622Kb / 1P
   Protective Covers Ultrasonically-welded with Strain Relief
logo
Oscilent Corporation
111-000306-10 OSCILENT-111-000306-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000306-20 OSCILENT-111-000306-20 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
More results

Similar Description - 111XB252D1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
RSG Electronic Componen...
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
   1/2 WATT
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
   3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
   PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com