Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX344615C Datasheet(PDF) 3 Page - Tyco Electronics

Part # RX344615C
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX344615C Datasheet(HTML) 3 Page - Tyco Electronics

  RX344615C Datasheet HTML 1Page - Tyco Electronics RX344615C Datasheet HTML 2Page - Tyco Electronics RX344615C Datasheet HTML 3Page - Tyco Electronics RX344615C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A)
DC or AC-coil
PCB layout / terminal assignment
1 pole 12 A
S0418-BB
S0163-BG
S0163-BH
1 pole 16 A
S0418-BA
S0163-BE
S0163-BF
S0418-BA
S0163-BJ
2 pole 8 A
Dimensions
Dimensions in mm
S0272-AA
View on solder pins
Dimensions in mm
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.


Similar Part No. - RX344615C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX3400 ETC-RX3400 Datasheet
87Kb / 7P
   Low Power ASK Receiver IC
More results

Similar Description - RX344615C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com