Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V437316S04VXTG-10PC Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V437316S04VXTG-10PC
Description  3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437316S04VXTG-10PC Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V437316S04VXTG-10PC Datasheet HTML 1Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V437316S04VXTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V437316S04V Rev. 1.0 December 2001
MOSEL VITELIC
V437316S04V
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
writtenintothe E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC
0
Number of SPD bytes
128
80
80
80
1
Total bytes in Serial PD
256
08
08
08
2
Memory Type
SDRAM
04
04
04
3
Number of Row Addresses (without BS bits)
12
0C
0C
0C
4
Number of Column Addresses (for x8
SDRAM)
10
0A
0A
0A
5
Number of DIMM Banks
1
01
01
01
6
Module Data Width
72
48
48
48
7
Module Data Width (continued)
0
00
00
00
8
Module Interface Levels
LVTTL
01
01
01
9
SDRAM Cycle Time at CL=3
7.5 ns
75
75
A0
10
SDRAM Access Time from Clock at CL=3
5.4 ns
54
54
60
11
Dimm Config (Error Det/Corr.)
ECC
02
02
02
12
Refresh Rate/Type
Self-Refresh, 15.6
µs80
80
80
13
SDRAM width, Primary
x8
08
08
08
14
Error Checking SDRAM Data Width
n/a / x8
08
08
08
15
Minimum Clock Delay from Back to Back
Random
Column Address
tccd =1CLK
01
01
01
16
Burst Length Supported
1, 2, 4, 8
0F
0F
0F
17
Number of SDRAM Banks
4
04
04
04
18
Supported CAS Latencies
CL = 3
06
06
06
19
CS Latencies
CS Latency = 0
01
01
01
20
WE Latencies
WL = 0
01
01
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
00
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
0E
0E
23
Minimum Clock Cycle Time at CAS Latency
=2
Not Supported
75
A0
A0
24
Maximum Data Access Time from Clock for
CL = 2
Not Supported
54
60
60
25
MinimumClock CycleTimeat CL=1
Not Supported
00
00
00
26
Maximum Data Access Time from Clock at
CL = 1
Not Supported
00
00
00
27
Minimum Row Precharge Time
20 ns
0F
14
14


Similar Part No. - V437316S04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437332S04VXTG-10PC MOSEL-V437332S04VXTG-10PC Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437332S04VXTG-75 MOSEL-V437332S04VXTG-75 Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437332S04VXTG-75PC MOSEL-V437332S04VXTG-75PC Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results

Similar Description - V437316S04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V437216C04VDTG-10PC MOSEL-V437216C04VDTG-10PC Datasheet
221Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 REGISTER PLL ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com