Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V437332S04VXTG-75 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V437332S04VXTG-75
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437332S04VXTG-75 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V437332S04VXTG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V437332S04VXTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V437332S04V
3
V437332S04V Rev. 1.0 December 2001
Part Number Information
Block Diagram
V
4
3
73
32
S
0
4
V
X T
G -XX
SDRAM
3.3V
WIDTH
DEPTH
168 PIN Unbuffered
DIMM X8 COMPONENT
REFRESH
RATE 4K
4 BANKS
LVTTL
COMPONENT A=0.17u B=0.14u
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G= GOLD
SPEED
75PC = PC133 CL3,2
MOSEL VITELIC
MANUFACTURED
75
= PC133 CL3
10PC = PC133 CL3,2
DQM0
I/O1–I/O8
CS0
10
10
10
10
CS1
CS3
CS
DQM4
I/O33–I/O40
DQM1
I/O9–I/O16
DQM5
I/O41–I/O48
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
V437332S04VTG-75-03
D0-D15 (D16, D17)
D0-D15 (D16, D17)
D0-D15 (D16, D17)
D0-D7 (D16)
A11-A0, BA0, BA1
VDD
VCC
10K
RAS, CAS, WE
CKE0
CKE1
D0-D15 (D16, D17)
C0-C31, (C32...C35)
D9-D15 (D17)
VSS
SA0
SA1
SA2
SCL
SA0
SA1
SA2
SCL
SDA
WP
E2PROM SPD (256 WORD X 8 BIT)
47K
CLOCK WIRING
32M X 72
CLK0
5 SDRAM
CLK1
5 SDRAM
CLK2
4 SDRAM +3.3pF
CLK3
4 SDRAM +3.3pF
DQM
I/O1–I/O8
D0
DQM
I/O1–I/O8
D1
DQM
I/O1–I/O8
D2
DQM
I/O1–I/O8
D3
CS
CS
CS
CS
DQM
I/O1–I/O8 D8
DQM
I/O1–I/O8 D9
DQM
I/O1–I/O8 D10
DQM
I/O1–I/O8 D11
CS
CS
CS
(BC7:0)
DQM5
I/O41–I/O48
DQM
I/O1–I/O8 D16
CS
DQM
I/O1–I/O8 D17
CS
CS
DQM
I/O1–I/O8
D4
DQM
I/O1–I/O8
D5
DQM
I/O1–I/O8
D6
DQM
I/O1–I/O8
D7
CS
CS
CS
DQM
I/O1–I/O8 D12
DQM
I/O1–I/O8 D13
DQM
I/O1–I/O8 D14
DQM
I/O1–I/O8 D15
CS
CS
CS
CS


Similar Part No. - V437332S04VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04VXTG-10PC MOSEL-V437316S04VXTG-10PC Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04VXTG-75 MOSEL-V437316S04VXTG-75 Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04VXTG-75PC MOSEL-V437316S04VXTG-75PC Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results

Similar Description - V437332S04VXTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com