Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 1N4448WT
Description  High Conductance Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4448WT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  1N4448WT Datasheet HTML 1Page - Fairchild Semiconductor 1N4448WT Datasheet HTML 2Page - Fairchild Semiconductor 1N4448WT Datasheet HTML 3Page - Fairchild Semiconductor 1N4448WT Datasheet HTML 4Page - Fairchild Semiconductor 1N4448WT Datasheet HTML 5Page - Fairchild Semiconductor 1N4448WT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4148WT / 1N4448WT / 1N914BWT Rev. 1.0
4
Typical Performance Characteristics
Reverse Voltage vs Reverse Current
Reverse Current, I
R[µA]
110
100
140
150
160
170
Ta=25°C


Similar Part No. - 1N4448WT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4448WT SEMTECH_ELEC-1N4448WT Datasheet
327Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Nanjing International G...
1N4448WT DGNJDZ-1N4448WT Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Transistors
logo
TAITRON Components Inco...
1N4448WT TAITRON-1N4448WT Datasheet
198Kb / 5P
   Two Terminals SMD Switching Diode
logo
Goodwork Semiconductor ...
1N4448WT GWSEMI-1N4448WT Datasheet
358Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Surge Components
1N4448WT SURGE-1N4448WT Datasheet
2Mb / 3P
   Silicin Epitaxial Planar Switching Diode
More results

Similar Description - 1N4448WT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
logo
Fairchild Semiconductor
MMSD4148 FAIRCHILD-MMSD4148 Datasheet
22Kb / 2P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
   High Conductance Fast Diode
1N4154 FAIRCHILD-1N4154_09 Datasheet
162Kb / 3P
   High Conductance Fast Diode
MMBD4448 FAIRCHILD-MMBD4448 Datasheet
41Kb / 5P
   High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
   High Conductance Fast Diode
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
   High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
   HIGH CONDUCTANCE ULTRA FAST DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com