Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36521J1N6KTE Datasheet(PDF) 7 Page - Tyco Electronics

Part # 36521J1N6KTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36521J1N6KTE Datasheet(HTML) 7 Page - Tyco Electronics

  36521J1N6KTE Datasheet HTML 1Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 2Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 3Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 4Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 5Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 6Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 7Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 8Page - Tyco Electronics 36521J1N6KTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Environmental Characteristics -
Mechanical Performance
Item
Specification
Test Method
Vibration Test:
Test device shall be soldered on the substrate
Oscillation Frequency: 10 to 55 to 10Hz for 1min
Amplitude: 1.5mm
Time: 2hrs for each axis (X, Y &Z), total 6hrs
Resistance to
Solder Temperature: 260±5°C
Soldering Heat:
Immersion Time: 10±2sec
Component Adhesion:
1 lbs. For 0402
The device should be REFLOW soldered
(Push Test)
2 lbs. For 0603
(230±5°C for 10 seconds) to a tinned copper
3 lbs. For the rest
substrate. A dynamiter force gauge should be
applied to the side of the component. The device
must with stand a minimum force of 2 or 4
pounds without a failure of the termination
attached to component.
Drop Test:
After test, there shall be no
Drop once for each face and once for each
evidence of electrical or
corner. Total drop 10 Times.
mechanical damage
Drop height :100cm
Drop weight:125g
Solderability Test:
The terminal should at least be
After fluxing (alpha 100 or equiv), inductor shall
90% covered with solder.
be dipped in a melted solder bath at 260±5°C
for 5 seconds.
Resistance to Solvent Test:
There shall be no case of
MIL-STD202F,METHOD 215D
deformation change in
appearance or obliteration of
marking
Appearance: No damage
∆L ≤±5%
∆Q ≤±10%
Electrical Performance
Item
Specification
Test Method
Inductance:
HP4291B
Q:
HP4291B
SRF:
HP8753D
DC Resistance Rdc:
Micro-Ohmeter (Gom-801G)
Rated Current IDC:
Applied the current to coils,
∆L <10%
Overload Test:
After test, there shall be
Applied 2 times rated current for 5 minutes
no evidence of electrical and
mechanical damage
Withstanding Voltage Test:
After test, there shall be no
Ac voltage of 500 VAC applied between inductors
evidence of electrical and
terminal and case for 1 minute.
mechanical damage.
Insulation Resistance Test:
1000M OHM MIN.
100 VDC applied between inductor terminal
and case
REFER to Standard Electrical
Characteristic List


Similar Part No. - 36521J1N6KTE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3652 BURR-BROWN-3652 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Texas Instruments
3652 TI-3652 Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Heyco.
3652 HEYCO-3652 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
logo
List of Unclassifed Man...
36520 ETC2-36520 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
36525 ETC2-36525 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results

Similar Description - 36521J1N6KTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com