Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111XB203D1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 111XB203D1
Description  Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

111XB203D1 Datasheet(HTML) 2 Page - CTS Corporation

  111XB203D1 Datasheet HTML 1Page - CTS Corporation 111XB203D1 Datasheet HTML 2Page - CTS Corporation 111XB203D1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 110, Solder or Clinch-Ear Mounted, Long Terminal Length
DIMENSION:
mm
INCH
TYPE XPC110, Vertically Mounted
DIMENSION:
mm
INCH
U - Long Terminal Length
M - Medium Terminal Length
TYPE M110, Solder Mounted, Medium Terminal Length
246°
19.94
END C.C.W. ROT.
NO. 1 TERM
SCREWDRIVER
ADJUSTMENT SLOT
.563
11.13
10.72
17.86
5.56
4.37
20.58±0.05
10.29±0.05
1.52
MIN.
2.79±0.05
.055
.370±.002
TERM 1.98 x 0.40
.785
.703
.422
.438
.172
14.30
.078 .014
.219
.094
2.39
.810±.002
.405±.002
.060
.110±.002
1.40
9.40±0.05
1.5
.060
40°
40°
1.40
.055
2.79±0.05
.110±.002
1.57
.062
7.14
.281
PRINTED CIRCUIT PANEL
KNOB OPTIONAL
5.56
.219
16.66
.656
NO. 3 TERM
END C.W. ROT.
57°
57°
246°
57°
57°
19.9±0.4
end c.w. rot.
no. 1 terminal
end c.w. rot.
no. 3 terminal
screwdriver
adjustment slot
.562
11.1
14.68
8.43
2.87
rot
1.98 x 0.36
.783±.016
.578
.437
.113 REF.
14.3
.078 .014
.332
.094
2.39
1.57
.062
4.44
.175
PRINTED CIRCUIT PANEL
10.67
.420
KNOB OPTIONAL
.370±.002
.060
1.40
.055
9.40±0.05
MIN.
1.52
.060
2.79±0.05
.110±.002
1.40
40°
.055
40°
.810±.002
20.58±0.05
10.29±0.05
.405±.002
.110±.002
2.79±0.05
1.5
END C.C.W. ROT.
NO. 1 TERM
NO. 3 TERM
END C.W. ROT.
5.77
7.62
15.24
2.77 DIA.
.109
.227
.300
.600
28.17
1.109
CENTER TERMINAL
1.98X0.41
.078 .016
11.91
.469
21.59
.850
23.42
.922
4.75
.187
12.7
.500
57°
57°
246°
END TERMINAL
1.98X.081
.078 .032
DIMENSION:
mm
INCH


Similar Part No. - 111XB203D1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
111 ARIES-111 Datasheet
622Kb / 1P
   Protective Covers Ultrasonically-welded with Strain Relief
logo
Oscilent Corporation
111-000306-10 OSCILENT-111-000306-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000306-20 OSCILENT-111-000306-20 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
More results

Similar Description - 111XB203D1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
RSG Electronic Componen...
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
   1/2 WATT
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
   3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
   PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com