Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXB24060C Datasheet(PDF) 4 Page - Tyco Electronics

Part # RXB24060C
Description  Power PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RXB24060C Datasheet(HTML) 4 Page - Tyco Electronics

  RXB24060C Datasheet HTML 1Page - Tyco Electronics RXB24060C Datasheet HTML 2Page - Tyco Electronics RXB24060C Datasheet HTML 3Page - Tyco Electronics RXB24060C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A)
DC or AC-coil


Similar Part No. - RXB24060C

ManufacturerPart #DatasheetDescription
logo
RFE international
RXB RFE-RXB Datasheet
82Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RXB Series: Low ESR, High Temperature
logo
Surge Components
RXB SURGE-RXB Datasheet
1Mb / 2P
   rohs compliance
logo
Microchip Technology
RXB0CTRL MICROCHIP-RXB0CTRL Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
RXB0D0 MICROCHIP-RXB0D0 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
RXB0D1 MICROCHIP-RXB0D1 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
More results

Similar Description - RXB24060C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com