Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36512CR10KTE Datasheet(PDF) 2 Page - Tyco Electronics

Part # 36512CR10KTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36512CR10KTE Datasheet(HTML) 2 Page - Tyco Electronics

  36512CR10KTE Datasheet HTML 1Page - Tyco Electronics 36512CR10KTE Datasheet HTML 2Page - Tyco Electronics 36512CR10KTE Datasheet HTML 3Page - Tyco Electronics 36512CR10KTE Datasheet HTML 4Page - Tyco Electronics 36512CR10KTE Datasheet HTML 5Page - Tyco Electronics 36512CR10KTE Datasheet HTML 6Page - Tyco Electronics 36512CR10KTE Datasheet HTML 7Page - Tyco Electronics 36512CR10KTE Datasheet HTML 8Page - Tyco Electronics 36512CR10KTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type 36501J Series - 0603 Package
Inductance
Inductance
Tolerance
Q
S.R.F. Min. R.D.C. Max I.D.C. Max.
900MHz
1.7GHz
Colour
Code
(nH) @ 250MHz
(%)
Min.
(MHz)
(Ohms)
(mA)
L Typ. Q Typ.
L Typ. Q Typ.
Code
1N6
1N8
2N2
3N3
3N6
3N9
4N3
4N7
5N1
5N6
6N8
7N5
8N2
8N7
9N5
10N
11N
12N
15N
16N
18N
22N
23N
24N
27N
30N
33N
36N
39N
43N
47N
51N
56N
68N
72N
82N
R10
R11
R12
R15
R18
R22
R26
R27
R33
R39
1.6
1.8
2.2
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.8
7.5
8.2
8.7
9.5
10.0
11.0
12.0
15.0
16.0
18.0
22.0
23.0
24.0
27.0
30.0
33.0
36.0
39.0
43.0
47.0
51.0
56.0
68.0
72.0
82.0
100
110
120
150
180
220
260
270
330
390
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10.5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
16
16
20
22
22
22
22
20
20
20
27
27
27
27
27
31
31
35
35
35
35
38
38
36
40
37
40
37
40
38
38
35
38
37
34
34
34
32
32
32
25
25
25
25
25
25
12500
12500
6000
>6000
5800
>6000
5800
5800
5800
5800
5800
4800
4800
4800
4800
4800
4000
4000
4000
3300
3100
3000
2850
2800
2800
2800
2300
2300
2200
2000
2000
1900
1900
1700
1700
1700
1400
1350
1300
1300
1250
1200
1000
900
900
900
0.040
0.045
0.100
0.080
0.063
0.080
0.063
0.120
0.160
0.170
0.110
0.110
0.110
0.110
0.130
0.130
0.086
0.130
0.170
0.110
0.170
0.190
0.190
0.130
0.220
0.150
0.220
0.250
0.250
0.280
0.280
0.280
0.310
0.340
0.490
0.540
0.580
0.610
0.650
0.950
1.400
1.600
2.000
2.100
3.800
4.350
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
250
250
200
200
100
100
1.53
1.63
2.18
3.35
3.53
3.95
4.32
4.65
5.13
5.53
6.75
7.39
8.25
8.84
9.64
10.0
11.3
12.3
15.4
16.5
18.7
22.8
24.1
25.7
29.2
31.4
36.0
39.1
42.7
46.9
52.2
55.5
62.5
80.5
82.0
96.2
124
138
166
230
305
-
-
-
-
-
35
35
41
47
49
49
49
53
47
56
60
62
64
62
59
66
53
72
64
55
70
73
71
45
74
47
67
47
60
44
62
69
56
54
53
54
49
43
39
25
22
-
-
-
-
-
1.58
1.66
2.20
3.40
3.58
3.96
4.43
4.80
5.36
5.86
7.10
7.71
8.40
9.38
10.5
10.6
12.1
13.5
16.8
18.0
21.4
26.1
28.0
30.9
34.6
39.8
49.5
48.9
60.2
60.3
77.2
82.2
97.0
168.0
135.0
177.0
-
-
-
-
-
-
-
-
-
-
55
50
64
65
65
67
67
67
56
77
81
81
81
58
61
83
56
83
89
52
69
71
71
40
65
28
42
24
40
21
35
34
26
21
20
21
-
-
-
-
-
-
-
-
-
-
Blue
Black
White
Red
Violet
Brown
Orange
Violet
Green
Yellow
Red
Brown
Green
Yellow
Blue
Orange
Grey
Yellow
Green
White
Blue
Violet
Orange
Black
Grey
Brown
White
Red
Black
Orange
Brown
Blue
Red
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Brown
Orange
Red
Blue
Yellow


Similar Part No. - 36512CR10KTE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36512 ETC2-36512 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
logo
Molex Electronics Ltd.
36512-0196 MOLEX5-36512-0196 Datasheet
160Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4關m (16關") Selective Gold (Au), 48 Circuits
More results

Similar Description - 36512CR10KTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com