Electronic Components Datasheet Search |
|
36521J68NKTE Datasheet(PDF) 8 Page - Tyco Electronics |
|
36521J68NKTE Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 9 page Low Inductance, High Frequency Chip Inductor Type 3650 Series Literature No. 1773163 Issued: 12-05 Dimensions are shown for reference purposes only. Dimensions are in millimetres unless otherwise specified. Specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com Climatic Test Item Specification Test Method Operating Temp. Range: -40°C to +125°C Humidity Resistance: Temperature: 40±2°C Relative Humidity: 90~95% Time: 96hrs±2hrs Measured after exposure in the room condition for 2hrs Low Temp. Storage Test: Temperature: -40±2°C Time: 48±2hrs Inductors are to be tested after 1 hour at room temperature Thermal Shock Test: One Cycle: Step Temperature(°C) Time (min) 1 -25±3 30 2 25±2 15 3 85±3 30 4 25±2 15 Total: 5 Cycles High Temp. Storage Test: Temperature:125±2°C Time: 48±2hrs Measured after 1 hour at room temperature High Temp. Load Life Test: Temperature:85±2°C Time:1000±12hrs Load: Rated current Humidity Load Life: Temperature: 40±2°C Relative Humidity: 90~95% Time: 1000±12hrs Load: Rated current * Storage Temperature: 25±3°C, <80%RH Appearance: No damage ∆L ≤±10% ∆Q ≤±20% There should be no evidence of short or open circuit. Dimensions Type 3650 Series Series AB C D EF G H I J Max. Max. Max. Ref. 36502C 2.92 2.79 2.10 0.51 2.03 0.51 1.52 2.54 1.02 1.27 36502A 2.29 1.73 1.52 0.51 1.27 0.51 1.02 1.78 1.02 0.76 36501J 1.80 1.12 1.02 0.38 0.76 0.33 0.86 1.02 0.64 0.64 36501E 1.27 0.76 0.61 0.15 0.51 0.23 0.56 0.66 0.50 0.46 Type 3651 Series Series AB C D EF G H I J Max. Max. Max. Ref. 36512C 2.92 2.79 1.40 0.65 2.03 0.51 1.52 2.54 1.02 1.27 36512A 2.29 1.73 1.03 0.51 1.27 0.44 1.02 1.78 1.02 0.76 Type 3652 / 3653 Series Series AB C D EF G H I J Max. Max. Max. Ref. 36532C 2.92 2.79 2.03 0.65 2.03 0.51 1.52 2.54 1.02 1.27 36532A 2.29 1.73 1.52 0.51 1.27 0.44 1.02 1.78 1.02 0.76 36521J 1.80 1.12 1.02 0.38 0.76 0.33 0.86 1.02 0.64 0.64 |
Similar Part No. - 36521J68NKTE |
|
Similar Description - 36521J68NKTE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |