Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V437432S24V Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V437432S24V
Description  3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437432S24V Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V437432S24V Datasheet HTML 1Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 2Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 3Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 4Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 5Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 6Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 7Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 8Page - Mosel Vitelic, Corp V437432S24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSEL VITELIC
1
V437432S24V
3.3VOLT32M x72HIGH PERFORMANCE
PC133 UNBUFFERED SDRAM ECC
MODULE
PRELIMINARY
V437432S24V Rev. 1.0 January 2002
Features
s 168 Pin Unbuffered ECC 33,554,432 x 72 bit
Oganization SDRAM Modules
s Utilizes High Performance 32M x 8 SDRAM in
TSOPII-54 Packages
s Fully PC Board Layout Compatible to INTEL’S
Rev 1.0 Module Specification
s Single +3.3V (± 0.3V) Power Supply
s Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
s Auto Refresh (CBR) and Self Refresh
s All Inputs, Outputs are LVTTL Compatible
s 8192 Refresh Cycles every 64 ms
s Serial Present Detect (SPD)
Description
The V437432S24V memory module is organized
33,554,432 x 72 bits in a 168 pin dual in line
memory module (DIMM). The 32M x 72 unbuffered
DIMM uses 9 Mosel-Vitelic 32M x 8 ECC SDRAM.
The x72 modules are ideal for use in high
performance computer systems where increased
memory density and fast access times are required.
s SDRAM Performance
s Module Frequency vs AC Parameter
Key Component Timing Parameters
-7PC
Units
tCK
Clock Frequency (max.)
143
MHz
tAC
ClockAccessTimeCAS Latency = 3
5.4
ns
tCK
Clock Frequency (max.)
133
MHz
tAC
ClockAccessTimeCAS Latency = 2
5.4
ns
Frequency
CL
(CAS Latency)
tRCD
tRP
tRC
Unit
V437432S24V
133 MHz (PC)
2
228
CLK


Similar Part No. - V437432S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-10PC MOSEL-V437432E24VXTG-10PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75 MOSEL-V437432E24VXTG-75 Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432E24VXTG-75PC MOSEL-V437432E24VXTG-75PC Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
More results

Similar Description - V437432S24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com