Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36521E10NMTE Datasheet(PDF) 8 Page - Tyco Electronics

Part # 36521E10NMTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36521E10NMTE Datasheet(HTML) 8 Page - Tyco Electronics

  36521E10NMTE Datasheet HTML 1Page - Tyco Electronics 36521E10NMTE Datasheet HTML 2Page - Tyco Electronics 36521E10NMTE Datasheet HTML 3Page - Tyco Electronics 36521E10NMTE Datasheet HTML 4Page - Tyco Electronics 36521E10NMTE Datasheet HTML 5Page - Tyco Electronics 36521E10NMTE Datasheet HTML 6Page - Tyco Electronics 36521E10NMTE Datasheet HTML 7Page - Tyco Electronics 36521E10NMTE Datasheet HTML 8Page - Tyco Electronics 36521E10NMTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Climatic Test
Item
Specification
Test Method
Operating Temp. Range:
-40°C to +125°C
Humidity Resistance:
Temperature: 40±2°C
Relative Humidity: 90~95%
Time: 96hrs±2hrs
Measured after exposure in the room condition
for 2hrs
Low Temp. Storage Test:
Temperature: -40±2°C
Time: 48±2hrs
Inductors are to be tested after 1 hour at
room temperature
Thermal Shock Test:
One Cycle:
Step
Temperature(°C)
Time (min)
1
-25±3
30
2
25±2
15
3
85±3
30
4
25±2
15
Total: 5 Cycles
High Temp. Storage Test:
Temperature:125±2°C
Time: 48±2hrs
Measured after 1 hour at room temperature
High Temp. Load Life Test:
Temperature:85±2°C
Time:1000±12hrs
Load: Rated current
Humidity Load Life:
Temperature: 40±2°C
Relative Humidity: 90~95%
Time: 1000±12hrs
Load: Rated current
* Storage Temperature: 25±3°C, <80%RH
Appearance: No damage
∆L ≤±10%
∆Q ≤±20%
There should be no evidence
of short or open circuit.
Dimensions
Type 3650 Series
Series
AB
C
D
EF
G
H
I
J
Max.
Max.
Max.
Ref.
36502C
2.92
2.79
2.10
0.51
2.03
0.51
1.52
2.54
1.02
1.27
36502A
2.29
1.73
1.52
0.51
1.27
0.51
1.02
1.78
1.02
0.76
36501J
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
36501E
1.27
0.76
0.61
0.15
0.51
0.23
0.56
0.66
0.50
0.46
Type 3651 Series
Series
AB
C
D
EF
G
H
I
J
Max.
Max.
Max.
Ref.
36512C
2.92
2.79
1.40
0.65
2.03
0.51
1.52
2.54
1.02
1.27
36512A
2.29
1.73
1.03
0.51
1.27
0.44
1.02
1.78
1.02
0.76
Type 3652 / 3653 Series
Series
AB
C
D
EF
G
H
I
J
Max.
Max.
Max.
Ref.
36532C
2.92
2.79
2.03
0.65
2.03
0.51
1.52
2.54
1.02
1.27
36532A
2.29
1.73
1.52
0.51
1.27
0.44
1.02
1.78
1.02
0.76
36521J
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64


Similar Part No. - 36521E10NMTE

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3652 BURR-BROWN-3652 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Texas Instruments
3652 TI-3652 Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Heyco.
3652 HEYCO-3652 Datasheet
160Kb / 1P
   Cable Holders - Arrowhead Mount
logo
List of Unclassifed Man...
36520 ETC2-36520 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
36525 ETC2-36525 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
More results

Similar Description - 36521E10NMTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com