Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36531J10NMTE Datasheet(PDF) 3 Page - Tyco Electronics

Part # 36531J10NMTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36531J10NMTE Datasheet(HTML) 3 Page - Tyco Electronics

  36531J10NMTE Datasheet HTML 1Page - Tyco Electronics 36531J10NMTE Datasheet HTML 2Page - Tyco Electronics 36531J10NMTE Datasheet HTML 3Page - Tyco Electronics 36531J10NMTE Datasheet HTML 4Page - Tyco Electronics 36531J10NMTE Datasheet HTML 5Page - Tyco Electronics 36531J10NMTE Datasheet HTML 6Page - Tyco Electronics 36531J10NMTE Datasheet HTML 7Page - Tyco Electronics 36531J10NMTE Datasheet HTML 8Page - Tyco Electronics 36531J10NMTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type 36502A Series - 0805 Package
Inductance
Inductance
Tolerance
Q
S.R.F. Min.
R.D.C. Max
I.D.C. Max.
Colour
Code
(nH) @ 250MHz
(%)
Min.
(MHz)
(Ohms)
(mA)
Code
2N8
3N0
3N3
5N6
6N8
7N5
8N2
8N7
10N
12N
15N
18N
22N
24N
27N
33N
36N
39N
43N
47N
56N
68N
72N
82N
91N
R10
R11
R12
R15
R18
R20
R22
R24
R25
R27
R30
R33
R36
R39
R43
R47
R56
R62
R68
R75
R82
1R0
1R2
1R5
1R8
2R2
2R7
2.8
3.0
3.3
5.6
6.8
7.5
8.2
8.7
10.0
12.0
15.0
18.0
22.0
24.0
27.0
33.0
36.0
39.0
43.0
47.0
56.0
68.0
72.0
82.0
91.0
100
110
120
150
180
200
220
240
250
270
300
330
360
390
430
470
560
620
680
750
820
1000
1200
1500
1800
2200
2700
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
80 @ 1500MHz
65 @ 1500MHz
50 @ 1500MHz
65 @ 1000MHz
50 @ 1000MHz
50 @ 1000MHz
50 @ 1000MHz
50 @ 1000MHz
60 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
55 @ 500MHz
50 @ 500MHz
55 @ 500MHz
60 @ 500MHz
55 @ 500MHz
60 @ 500MHz
60 @ 500MHz
60 @ 500MHz
60 @ 500MHz
60 @ 500MHz
65 @ 500MHz
65 @ 500MHz
65 @ 500MHz
65 @ 500MHz
50 @ 250MHz
50 @ 250MHz
50 @ 250MHz
50 @ 250MHz
50 @ 250MHz
50 @ 250MHz
44 @ 250MHz
45 @ 250MHz
48 @ 250MHz
48 @ 250MHz
48 @ 250MHz
48 @ 250MHz
48 @ 250MHz
33 @ 100MHz
33 @ 100MHz
23 @ 50MHz
23 @ 50MHz
23 @ 50MHz
23 @ 50MHz
23 @ 50MHz
20 @ 50MHz
18 @ 25MHz
16 @ 25MHz
16 @ 7.9MHz
16 @ 7.9MHz
16 @ 7.9MHz
7900
7900
6000
5500
5500
4500
4700
3900
4200
4000
3400
3300
2600
2000
2500
2050
1700
2000
1650
1650
1550
1450
1400
1300
1200
1200
1000
1100
920
870
860
850
690
680
650
620
600
580
560
430
375
340
220
200
200
200
100
100
100
80
60
50
0.06
0.06
0.08
0.08
0.11
0.14
0.12
0.21
0.10
0.15
0.17
0.20
0.22
0.22
0.25
0.27
0.27
0.29
0.34
0.31
0.34
0.38
0.40
0.42
0.48
0.46
0.48
0.51
0.56
0.64
0.66
0.70
1.00
1.00
1.00
1.20
1.40
1.45
1.50
1.70
1.70
1.90
2.20
2.20
2.30
2.35
2.50
2.50
2.50
2.50
2.70
2.95
800
800
600
600
600
600
600
400
600
600
600
600
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
400
350
350
350
330
310
300
290
230
220
210
210
190
180
180
170
170
170
170
160
150
Grey
White
Black
Orange
Brown
Green
Red
White
Blue
Orange
Yellow
Green
Blue
Grey
Violet
Grey
Orange
White
Yellow
Black
Brown
Red
Green
Orange
Black
Yellow
Brown
Green
Blue
Violet
Orange
Grey
Red
Green
White
Yellow
Black
Green
Brown
Blue
Red
Orange
Yellow
Green
Blue
Violet
Grey
White
Black
Brown
Red
Orange


Similar Part No. - 36531J10NMTE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36530 ETC2-36530 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
36535 ETC2-36535 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
logo
Molex Electronics Ltd.
36535-0001 MOLEX5-36535-0001 Datasheet
93Kb / 2P
   MLX Crimp Terminal 42024, 14-16 AWG, Reel, Tin (Sn)
36536-0001 MOLEX5-36536-0001 Datasheet
96Kb / 2P
   MLX Crimp Terminal 42023, 14-16 AWG, Reel, Tin (Sn), Lead Free
36538-0001 MOLEX5-36538-0001 Datasheet
187Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Compliant Polarizing Peg, 2 Circuits
More results

Similar Description - 36531J10NMTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com