Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36502AR10MTE Datasheet(PDF) 1 Page - Tyco Electronics

Part # 36502AR10MTE
Description  Low Inductance, High Frequency Chip Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

36502AR10MTE Datasheet(HTML) 1 Page - Tyco Electronics

  36502AR10MTE Datasheet HTML 1Page - Tyco Electronics 36502AR10MTE Datasheet HTML 2Page - Tyco Electronics 36502AR10MTE Datasheet HTML 3Page - Tyco Electronics 36502AR10MTE Datasheet HTML 4Page - Tyco Electronics 36502AR10MTE Datasheet HTML 5Page - Tyco Electronics 36502AR10MTE Datasheet HTML 6Page - Tyco Electronics 36502AR10MTE Datasheet HTML 7Page - Tyco Electronics 36502AR10MTE Datasheet HTML 8Page - Tyco Electronics 36502AR10MTE Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low Inductance, High Frequency Chip Inductor
Type 3650 Series
Literature No. 1773163
Issued: 12-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Choice of Four Package Sizes
I Wire Wound Construction
I Smooth Top Aids Placement
I 1.0NH to 4.7mH Value Range
I Laboratory Design Kits
Available
I High Q Factor
I High S.R.F.
I Standard Tolerances
The 3650 Series is a new concept from
Tyco,
a
range
of
inductors
in
values from 1.0 nanohenry to 4.7
microhenries. The 3650 is available
in four package sizes and is designed
for automatic placement.
Characteristics - Electrical
Type 36501E Series - 0402 Package
Inductance
Inductance
Tolerance
Q
S.R.F. Min. R.D.C. Max I.D.C. Max.
900MHz
1.7GHz
Code
(nH) @ 250MHz
(%)
Min.
(GHz)
(Ohms)
(mA)
L Typ.
Q Typ.
L Typ. Q Typ.
1N0
1N9
2N0
2N2
2N4
2N7
3N3
3N6
3N9
4N3
4N7
5N1
5N6
6N2
6N8
7N5
8N2
8N7
9N0
9N5
10N
11N
12N
13N
15N
16N
18N
19N
20N
22N
23N
24N
27N
30N
33N
36N
39N
40N
43N
47N
51N
56N
68N
1.0
1.9
2.0
2.2
2.4
2.7
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
8.7
9.0
9.5
10
11
12
13
15
16
18
19
20
22
23
24
27
30
33
36
39
40
43
47
51
56
68
10
10,5
10,5
10,5
10,5
10,5
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
10,5,2
16
16
16
19
15
16
19
19
19
18
15
20
20
20
20
22
22
18
22
18
21
24
24
24
24
24
24
24
25
25
22
25
24
25
24
24
25
24
25
20
25
22
22
12.7
11.3
11.1
10.8
10.5
10.4
7.00
6.80
5.80
6.00
4.70
4.80
4.80
4.80
4.80
4.80
4.40
4.10
4.16
4.00
3.90
3.68
3.60
3.45
3.28
3.10
3.10
3.04
3.00
2.80
2.72
2.70
2.48
2.35
2.35
2.32
2.10
2.24
2.03
2.10
1.75
1.76
1.62
0.045
0.070
0.070
0.070
0.070
0.120
0.066
0.066
0.066
0.091
0.130
0.083
0.083
0.083
0.083
0.104
0.104
0.200
0.104
0.200
0.195
0.120
0.120
0.210
0.172
0.220
0.230
0.202
0.250
0.300
0.300
0.300
0.300
0.350
0.350
0.440
0.550
0.440
0.810
0.830
0.820
0.970
1.120
1360
1040
1040
960
790
640
840
840
840
700
640
800
760
760
680
680
680
480
680
480
480
640
640
440
560
560
420
480
420
400
400
400
400
400
400
320
200
320
100
150
100
100
100
1.02
1.72
1.93
2.19
2.24
2.23
3.10
3.56
3.89
4.19
4.55
5.15
5.16
6.16
6.56
7.91
8.50
8.78
9.07
9.42
9.8
10.7
11.9
13.4
14.6
16.6
18.3
19.1
20.7
23.2
23.8
25.1
28.7
31.1
34.9
39.5
41.7
39.0
45.8
50.0
-
-
-
77
68
54
59
51
42
65
45
50
47
48
56
54
52
63
60
57
54
62
54
50
52
53
51
55
46
57
50
52
53
49
51
49
46
31
44
47
44
46
38
-
-
-
1.02
1.74
1.93
2.23
2.27
2.25
3.12
3.62
4.00
4.30
4.68
5.25
5.28
6.37
6.93
8.22
8.85
9.21
9.53
9.98
10.1
11.2
12.7
14.6
15.5
18.8
20.28
21.1
23.66
26.75
26.9
29.5
33.5
38.5
41.74
48.4
50.23
47.4
61.55
-
-
-
-
69
82
75
100
68
61
87
71
75
71
68
82
81
76
78
88
84
73
78
69
67
78
71
57
77
47
62
67
53
53
64
50
63
39
32
53
45
33
34
-
-
-
-
Type 3650 Series


Similar Part No. - 36502AR10MTE

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36502-0134 MOLEX5-36502-0134 Datasheet
170Kb / 4P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.30關m (12關") Selective Gold (Au) Plating, 96 Circuits
36502-0143 MOLEX5-36502-0143 Datasheet
212Kb / 4P
   2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.30關m (12關") Selective Gold (Au) Plating, 32 Circuits
More results

Similar Description - 36502AR10MTE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
   LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
   High Frequency Chip Inductor
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0805CM MPSIND-R7X0805CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Allied Components Inter...
HFC02 ALLIED-HFC02 Datasheet
493Kb / 1P
   High Frequency Ceramic Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com