Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3122D2N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3122D2N
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2N Datasheet(HTML) 1 Page - Texas Instruments

  TPA3122D2N Datasheet HTML 1Page - Texas Instruments TPA3122D2N Datasheet HTML 2Page - Texas Instruments TPA3122D2N Datasheet HTML 3Page - Texas Instruments TPA3122D2N Datasheet HTML 4Page - Texas Instruments TPA3122D2N Datasheet HTML 5Page - Texas Instruments TPA3122D2N Datasheet HTML 6Page - Texas Instruments TPA3122D2N Datasheet HTML 7Page - Texas Instruments TPA3122D2N Datasheet HTML 8Page - Texas Instruments TPA3122D2N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1 F
m
SD
MuteControl
PVCCL
TPA3122D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto30V
10Vto30V
}4-StepGain
Control
Shutdown
Control
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
22 H
m
22 H
m
0.68 F
m
470 F
m
0.68 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
www.ti.com
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• Televisions
• 10-W/ch into an 4-Ω Load From a 17-V Supply
• 15-W/ch into an 8-Ω Load From a 28-V Supply
• Operates from 10 V to 30 V
The TPA3122D2 is a 15-W (per channel) efficient,
• Efficient Class-D Operation
Class-D audio power amplifier for driving stereo
• Four Selectable, Fixed Gain Settings
single ended speakers or mono bridge tied load. The
• Internal Oscillator (No External Components
TPA3122D2 can drive stereo speakers as low as 4
Ω.
Required)
The efficiency of the TPA3122D2 eliminates the need
for an external heat sink when playing music.
• Single Ended Analog Inputs
The gain of the amplifier is controlled by two gain
• Thermal and Short-Circuit Protection with
select pins. The gain selections are 20, 26, 32, and
Auto Recovery Feature
36 dB.
• 20-pin DIP Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3122D2N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com