Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E160S-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN5E160S-E
Description  Single channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160S-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN5E160S-E Datasheet HTML 6Page - STMicroelectronics VN5E160S-E Datasheet HTML 7Page - STMicroelectronics VN5E160S-E Datasheet HTML 8Page - STMicroelectronics VN5E160S-E Datasheet HTML 9Page - STMicroelectronics VN5E160S-E Datasheet HTML 10Page - STMicroelectronics VN5E160S-E Datasheet HTML 11Page - STMicroelectronics VN5E160S-E Datasheet HTML 12Page - STMicroelectronics VN5E160S-E Datasheet HTML 13Page - STMicroelectronics VN5E160S-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
VN5E160S-E
10/34
Table 7.
Status pin (VSD=0)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSTAT
Status low output
voltage
ISTAT= 1.6 mA, VSD=0V
0.5
V
ILSTAT
Status leakage current
Normal operation or VSD=5V,
VSTAT= 5V
10
µA
CSTAT
Status pin input
capacitance
Normal operation or VSD=5V,
VSTAT= 5V
100
pF
VSCL
Status clamp voltage
ISTAT= 1mA
ISTAT= - 1mA
5.5
-0.7
7V
V
Table 8.
Protection (1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit
current
VCC=13V; 5V<VCC<28V
710
14
14
A
A
IlimL
Short circuit current
during thermal cycling
VCC=13V; TR<Tj<TTSD
2.5
A
TTSD
Shutdown
temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
tSDL
Status delay in
overload conditions
Tj>TTSD (see Figure 4)20
µs
VDEMAG
Turn-off output voltage
clamp
IOUT=1A; VIN=0; L=20mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT=0.03A (see Figure 5.)
Tj= -40°C...+150°C
25
mV


Similar Part No. - VN5E160S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E160STR-E STMICROELECTRONICS-VN5E160STR-E Datasheet
630Kb / 34P
   Single channel high side driver for automotive applications
More results

Similar Description - VN5E160S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VN5E050J-E STMICROELECTRONICS-VN5E050J-E Datasheet
713Kb / 34P
   Single channel high side driver for automotive applications
VN5E160STR-E STMICROELECTRONICS-VN5E160STR-E Datasheet
630Kb / 34P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E Datasheet
494Kb / 23P
   Single channel high side driver for automotive applications
VN5160S-E STMICROELECTRONICS-VN5160S-E Datasheet
450Kb / 31P
   Single channel high side driver for automotive applications
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
   Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
   Single channel high side driver with analog for automotive applications
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
   Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
   Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com