Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST14C02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST14C02
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST14C02 Datasheet HTML 4Page - STMicroelectronics ST14C02 Datasheet HTML 5Page - STMicroelectronics ST14C02 Datasheet HTML 6Page - STMicroelectronics ST14C02 Datasheet HTML 7Page - STMicroelectronics ST14C02 Datasheet HTML 8Page - STMicroelectronics ST14C02 Datasheet HTML 9Page - STMicroelectronics ST14C02 Datasheet HTML 10Page - STMicroelectronics ST14C02 Datasheet HTML 11Page - STMicroelectronics ST14C02 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ST14C02C
Table 10. Ordering Information Scheme
Example:
ST14C02C -
D20
Delivery Form
D15
Module on Super 35 mm film
D20
Module on Super 35 mm film
W2
Unsawn wafer (275
µm ± 25 µm thickness)
W4
Unsawn wafer (180
µm ± 15 µm thickness)
S2x
Sawn wafer (275
µm ± 25 µm thickness)
S4x
Sawn wafer (180
µm ± 15 µm thickness)
where “x” indicates the sawing orientation, as follows (and as shown in Figure 11)
1
GND at top right
2
GND at bottom right
3
GND at bottom left
4
GND at top left
Figure 11. Sawing Orientation
AI02171
1
ORIENTATION
GND
GND
GND
GND
23
4
VIEW: WAFER FRONT SIDE


Similar Part No. - ST14C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST14C02C STMICROELECTRONICS-ST14C02C Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
More results

Similar Description - ST14C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com