Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP43302 Datasheet(PDF) 7 Page - SIPAT Co,Ltd

Part # SP43302
Description  433.92MHz RF SAW Filter 0.6MHz Bandwidth
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43302 Datasheet(HTML) 7 Page - SIPAT Co,Ltd

  SP43302 Datasheet HTML 1Page - SIPAT Co,Ltd SP43302 Datasheet HTML 2Page - SIPAT Co,Ltd SP43302 Datasheet HTML 3Page - SIPAT Co,Ltd SP43302 Datasheet HTML 4Page - SIPAT Co,Ltd SP43302 Datasheet HTML 5Page - SIPAT Co,Ltd SP43302 Datasheet HTML 6Page - SIPAT Co,Ltd SP43302 Datasheet HTML 7Page - SIPAT Co,Ltd SP43302 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP43302
Rev. Date
2006-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 7/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
433.92MHz RF SAW Filter
0.6MHz Bandwidth
Part Number: SP43302
Tape Running Direction
[Figure 1] Carrier Tape Dimensions
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.0
±0.3
5.5
±0.1
1.75
±0.1
4.0
±0.2
4.0
±0.1
2.0
±0.2
Φ1.5
±0.1
Φ1.5
±0.25
0.31
max.
1.95
max.
3.3
max.
3.3
max.
[Figure 2] Reel Dimensions
[Unit: mm]
[Unit: mm]


Similar Part No. - SP43302

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP43302 SIPAT-SP43302 Datasheet
549Kb / 8P
   433.92MHz RF SAW Filter 0.6MHz Bandwidth
More results

Similar Description - SP43302

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP43302 SIPAT-SP43302 Datasheet
549Kb / 8P
   433.92MHz RF SAW Filter 0.6MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
551Kb / 8P
   433.92MHz RF SAW Filter 1.7MHz Bandwidth
SP43303 SIPAT-SP43303 Datasheet
557Kb / 8P
   433.92MHz RF SAW Filter 1.7MHz Bandwidth
logo
Golledge Electronics Lt...
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
   SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
   SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com