Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF359 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MF359
Description  780nm - 55MHz High Performance LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MF359 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MF359 Datasheet HTML 1Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 2Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 3Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 4Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 5Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 6Page - Zarlink Semiconductor Inc MF359 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003, Zarlink Semiconductor Inc. All Rights Reserved.
Features
780nm Surface-Emitting LED
55MHz Bandwidth
Designed for 62.5/125µm fiber
Low thermal droop
Applications
Baseband Video
Sensors
General Purpose
Description
The low thermal droop of this device allows baseband
video transmission with minimum distortion. The
double-lens optical system provides for optimum
coupling of power into the fiber. It matches with the
MF446 PIN Photodiode.
August 2003
MF359
780nm - 55MHz High Performance LED
Data Sheet
Ordering Information
MF359
TO-46 Package
MF359 ST
ST Housing
MF359 SMA
SMA Housing
-40
°C to +85°C
Note: Rated Fiber coupled power apply only on the TO-46
package, for housing options fiber coupled power is
typically 10% less.
Figure 1 - Pin Diagram
Figure 2 - Functional Schematic
CATHODE
CASE
Bottom View
ANODE
ANODE
CATHODE


Similar Part No. - MF359

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MF35 DYNEX-MF35 Datasheet
68Kb / 8P
   Fast Recovery Diode
MF35-1000 DYNEX-MF35-1000 Datasheet
68Kb / 8P
   Fast Recovery Diode
MF35-1200 DYNEX-MF35-1200 Datasheet
68Kb / 8P
   Fast Recovery Diode
MF35-600 DYNEX-MF35-600 Datasheet
68Kb / 8P
   Fast Recovery Diode
MF35-800 DYNEX-MF35-800 Datasheet
68Kb / 8P
   Fast Recovery Diode
More results

Similar Description - MF359

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Rohm
RLD78MRA1 ROHM-RLD78MRA1 Datasheet
70Kb / 3P
   780nm Low Power Lasers
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Energizer
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C1XX AVAGO-HSMX-C1XX Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Intersil Corporation
EL2008 INTERSIL-EL2008 Datasheet
268Kb / 8P
   55MHz 1 Amp Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com