Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4560IDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RC4560IDR
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4560IDR Datasheet(HTML) 2 Page - Texas Instruments

  RC4560IDR Datasheet HTML 1Page - Texas Instruments RC4560IDR Datasheet HTML 2Page - Texas Instruments RC4560IDR Datasheet HTML 3Page - Texas Instruments RC4560IDR Datasheet HTML 4Page - Texas Instruments RC4560IDR Datasheet HTML 5Page - Texas Instruments RC4560IDR Datasheet HTML 6Page - Texas Instruments RC4560IDR Datasheet HTML 7Page - Texas Instruments RC4560IDR Datasheet HTML 8Page - Texas Instruments RC4560IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Output
VCC+
− Input
+ Input
VCC−
ABSOLUTE MAXIMUM RATINGS
(1)
RC4560
SLOS457A – JANUARY 2005 – REVISED APRIL 2008 ..................................................................................................................................................... www.ti.com
EQUIVALENT CIRCUIT
over operating free-air temperature range (unless otherwise noted)
VCC±
Supply voltage
±18 V
Input voltage (any input)
±15 V
Output current
±50 mA
D package
97
°C/W
θ
JA
Package thermal impedance(2)(3)
P package
85
°C/W
PW package
149
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
−60
°C to 125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): RC4560


Similar Part No. - RC4560IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4560IDR TI-RC4560IDR Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560IDRE4 TI-RC4560IDRE4 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results

Similar Description - RC4560IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
   DUAL AUDIO OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580 Datasheet
230Kb / 10P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com