Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C88-NF45TR Datasheet(PDF) 10 Page - Simtek Corporation

Part # STK15C88-NF45TR
Description  32Kx8 PowerStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK15C88-NF45TR Datasheet(HTML) 10 Page - Simtek Corporation

Back Button STK15C88-NF45TR Datasheet HTML 6Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 7Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 8Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 9Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 10Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 11Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 12Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 13Page - Simtek Corporation STK15C88-NF45TR Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Jan, 2008
Document Control #ML0016 Rev 2.0
STK15C88
BEST PRACTICES
nvSRAM products have been used effectively for
over 15 years. While ease-of-use is one of the prod-
uct’s main system values, experience gained work-
ing with hundreds of applications has resulted in the
following suggestions as best practices:
• The non-volatile cells in an nvSRAM are pro-
grammed on the test floor during final test and
quality assurance. Incoming inspection routines
at customer or contract manufacturer’s sites will
sometimes reprogram these values. Final NV pat-
terns are typically repeating patterns of AA, 55,
00, FF, A5, or 5A. End product’s firmware should
not assume an NV array is in a set programmed
state. Routines that check memory content val-
ues to determine first time system configuration,
cold or warm boot status, etc. should always pro-
gram a unique NV pattern (e.g., complex 4-byte
pattern of 46 E6 49 53 hex or more random
bytes) as part of the final system manufacturing
test to ensure these system routines work consis-
tently.
• Power up boot firmware routines should rewrite
the nvSRAM into the desired state. While the
nvSRAM is shipped in a preset state, best prac-
tice is to again rewrite the nvSRAM into the
desired state as a safeguard against events that
might flip the bit inadvertently (program bugs,
incoming inspection routines, etc.).


Similar Part No. - STK15C88-NF45TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK15C88-NF45TR CYPRESS-STK15C88-NF45TR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-NF45TR CYPRESS-STK15C88-NF45TR Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-NF45TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C88 SIMTEK-STK11C88 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com