Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK22C48-SF25 Datasheet(PDF) 11 Page - Simtek Corporation

Part # STK22C48-SF25
Description  2Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK22C48-SF25 Datasheet(HTML) 11 Page - Simtek Corporation

Back Button STK22C48-SF25 Datasheet HTML 7Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 8Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 9Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 10Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 11Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 12Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 13Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 14Page - Simtek Corporation STK22C48-SF25 Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
STK22C48
Feb, 2008
Document Control #ML0004 Rev 2.0
BEST PRACTICES
nvSRAM products have been used effectively for
over 15 years. While ease-of-use is one of the
product’s main system values, experience gained
working with hundreds of applications has resulted
in the following suggestions as best practices:
• The non-volatile cells in an nvSRAM are pro-
grammed on the test floor during final test and
quality assurance. Incoming inspection routines
at customer or contract manufacturer’s sites will
sometimes reprogram these values. Final NV
patterns are typically repeating patterns of AA,
55, 00, FF, A5, or 5A. End product’s firmware
should not assume an NV array is in a set pro-
grammed state. Routines that check memory
content values to determine first time system
configuration, cold or warm boot status, etc.
should always program a unique NV pattern
(e.g., complex 4-byte pattern of 46 E6 49 53 hex
or more random bytes) as part of the final sys-
tem manufacturing test to ensure these system
routines work consistently.
• Power up boot firmware routines should rewrite
the nvSRAM into the desired state. While the
nvSRAM is shipped in a preset state, best prac-
tice is to again rewrite the nvSRAM into the
desired state as a safeguard against events that
might flip the bit inadvertently (program bugs,
incoming inspection routines, etc.).
• The Vcap value specified in this datasheet
includes a minimum and a maximum value size.
Best practice is to meet this requirement and not
exceed the max Vcap value because the higher
inrush currents may reduce the reliability of the
internal pass transistor. Customers that want to
use a larger Vcap value to make sure there is
extra store charge should discuss their Vcap size
selection with Simtek.


Similar Part No. - STK22C48-SF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48-SF25 SIMTEK-STK22C48-SF25 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-SF25 CYPRESS-STK22C48-SF25 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-SF25I SIMTEK-STK22C48-SF25I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-SF25I CYPRESS-STK22C48-SF25I Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK22C48-SF25ITR SIMTEK-STK22C48-SF25ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
More results

Similar Description - STK22C48-SF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48 Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com