Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14EC8-TF25ITR Datasheet(PDF) 1 Page - Simtek Corporation

Part # STK14EC8-TF25ITR
Description  512Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC8-TF25ITR Datasheet(HTML) 1 Page - Simtek Corporation

  STK14EC8-TF25ITR Datasheet HTML 1Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 2Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 3Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 4Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 5Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 6Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 7Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 8Page - Simtek Corporation STK14EC8-TF25ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
STK14EC8
1
Jan, 2008
Document Control #ML0060 Rev 1.1
This is a product in development that has fixed tar-
get specifications that are subject to change pend-
ing characterization results.
Simtek Confidential & Proprietary
Preliminary
FEATURES
• 15, 25, 45 ns Read Access and R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or Software
Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 200K STORE Endurance
• 20-Year Non-volatile Data Retention
• Single 3.0V +20%, -10% Operation
• Commercial, Industrial Temperatures
• 44-pin 400-mil TSOPII (RoHS-Compliant)
• 48-ball Fine Pitch Ball Grid Array (FBGA)
DESCRIPTION
The Simtek STK14EC8 is a 4MB fast static RAM
with a non-volatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM.
Data transfers automatically to the non-volatile stor-
age cells when power loss is detected (the STORE
operation). On power up, data is automatically
restored to the SRAM (the RECALL operation). Both
STORE and RECALL operations are also available
under software control.
The Simtek nvSRAM is the highest performance,
most reliable non-volatile memory available.
BLOCK DIAGRAM
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A18 – A0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A17
A18
Quantum Trap
2048 X 2048
STATIC RAM
ARRAY
2048 X 2048
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A9 A10 A11 A12 A13 A14 A15 A16
VCC
VCAP
512Kx8 Autostore nvSRAM


Similar Part No. - STK14EC8-TF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8-TF25ITR SIMTEK-STK14EC8-TF25ITR Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
More results

Similar Description - STK14EC8-TF25ITR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com